Electronic Components Datasheet Search
  English  ▼

X  

ABR300 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ABR300
Description  Switching Power Module for PCB Mountable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ABR300 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ABR300 Datasheet HTML 1Page - Arch Electronics Corp. ABR300 Datasheet HTML 2Page - Arch Electronics Corp. ABR300 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : A_3
update : 2017.11.23
AC-DC ITE Full Brick
ABR300 SERIES
300 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-2-
CONNECTION FOR STANDARD USE
(1.) To use the ABR300 series, external parts should be connected as shown in Fig 1.1.
(2.) The ABR300 series should be conduction-cooled. Use a heatsink or fan to dissipate heat.
Fig 1.1
Table 1.1 (Parts name.)
No.
Symbol
Item
Rating
Remark
1
F11
Input fuse
AC250V / 10A
–
2
C11
Input capacitor
AC275V / 1uF
Class X1 or X2
3
CY1
Y capacitor
AC250V / 1000pF
Class Y1
4
L11
Noise filter
Line Filter
Min. 9mH
–
5
L12
Min. 12mH
–
6
L13
Min. 100uH
–
7
CX1
X capacitor
AC275V / 0.68uF
Class X1 or X2
8
CX2
AC275V / 1uF
Class X1 or X2
9
CY2, CY3
Y capacitor
AC250V / 2200pF
Class Y1 or Y2
10
CY4, CY5
AC250V / 1000pF
Class Y1 or Y2
11
Co1
Output pi filter
12S
DC16V / 1500uF x2
Conductive Polymer
24S, 28S
DC35V / 1000uF x3
Electrolytic capacitor
48S
DC63V / 390uF x3
Electrolytic capacitor
12
Co2
12S
DC16V / 2200uF x2
Electrolytic capacitor
24S, 28S
NC
Electrolytic capacitor
48S
NC
Electrolytic capacitor
13
Cbc
Smoothing capacitor for boost voltage
DC450V / 470uF
Electrolytic capacitor
14
C20,C30
Capacitor for boost voltage
DC450V / 0.68uF ×2 (parallel)
Film capacitor
15
TFR1
Inrush current limiting resistor
10Ω
Thermal fuse build-in resistor
16
R1
Discharging resistor
470K Ω
1/4W resistor
17
SK21 / SK22
Varistor
NC
–
18
SA11
Surge absorber
NC
–
19
SK11
Varistor
620V
300Vac / 3500A (8/20μS)
◎
Parts name are shown in Table 1.1 as reference.
◎
External parts should be changed according to the ambient temperature, and input and output conditions.
For details, refer to the selection method of individual parts.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com