Electronic Components Datasheet Search
  English  ▼

X  

EL8302 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL8302
Description  500MHz Rail-to-Rail Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8302 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL8302 Datasheet HTML 1Page - Renesas Technology Corp EL8302 Datasheet HTML 2Page - Renesas Technology Corp EL8302 Datasheet HTML 3Page - Renesas Technology Corp EL8302 Datasheet HTML 4Page - Renesas Technology Corp EL8302 Datasheet HTML 5Page - Renesas Technology Corp EL8302 Datasheet HTML 6Page - Renesas Technology Corp EL8302 Datasheet HTML 7Page - Renesas Technology Corp EL8302 Datasheet HTML 8Page - Renesas Technology Corp EL8302 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EL8302
FN7348 Rev 2.00
Page 2 of 14
May 6, 2005
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage from VS+ to VS-. . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . VS+ + 0.3V to VS- -0.3V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +125°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = 5V, VS- = GND, TA = 25°C, VCM = 2.5V, RL to 2.5V, AV = 1, Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Offset Voltage
-7
-0.8
+7
mV
TCVOS
Offset Voltage Temperature Coefficient Measured from TMIN to TMAX
3µV/°C
IB
Input Bias Current
VIN = 0V
-10
-6
µA
IOS
Input Offset Current
VIN = 0V
0.1
0.6
µA
TCIOS
Input Bias Current Temperature
Coefficient
Measured from TMIN to TMAX
2nA/°C
CMRR
Common Mode Rejection Ratio
VCM = -0.15V to +3.5V
70
95
dB
CMIR
Common Mode Input Range
VS- -0.15
VS+ - 1.5
V
RIN
Input Resistance
Common Mode
7
M
CIN
Input Capacitance
0.5
pF
AVOL
Open Loop Gain
VOUT = +1.5V to +3.5V, RL = 1k to GND
75
100
dB
VOUT = +1.5V to +3.5V, RL = 150 to
GND
80
dB
OUTPUT CHARACTERISTICS
ROUT
Output Resistance
AV = +1
30
m
VOP
Positive Output Voltage Swing
RL = 1k
4.85
4.9
V
RL = 150
4.65
4.7
V
VON
Negative Output Voltage Swing
RL = 150
150
200
mV
RL = 1k
50
70
mV
IOUT
Linear Output Current
65
mA
ISC (source)
Short Circuit Current
RL = 10
50
80
mA
ISC (sink)
Short Circuit Current
RL = 10
90
150
mA
POWER SUPPLY
PSRR
Power Supply Rejection Ratio
VS+ = 4.5V to 5.5V
70
95
dB
IS-ON
Supply Current - Enabled per Amplifier
5.6
6.2
mA
IS-OFF
Supply Current - Disabled per Amplifier
40
90
µA
ENABLE
tEN
Enable Time
200
ns
tDS
Disable Time
25
ns
VIH-ENB
ENABLE Pin Voltage for Power-up
0.8
V
VIL-ENB
ENABLE Pin Voltage for Shut-down
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com