Electronic Components Datasheet Search
  English  ▼

X  

HC55183 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HC55183
Description  Extended Reach Ringing SLIC Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55183 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HC55183 Datasheet HTML 1Page - Renesas Technology Corp HC55183 Datasheet HTML 2Page - Renesas Technology Corp HC55183 Datasheet HTML 3Page - Renesas Technology Corp HC55183 Datasheet HTML 4Page - Renesas Technology Corp HC55183 Datasheet HTML 5Page - Renesas Technology Corp HC55183 Datasheet HTML 6Page - Renesas Technology Corp HC55183 Datasheet HTML 7Page - Renesas Technology Corp HC55183 Datasheet HTML 8Page - Renesas Technology Corp HC55183 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FN4519 Rev 8.00
Page 1 of 19
August 10, 2010
FN4519
Rev 8.00
August 10, 2010
HC55183, HC55184
Extended Reach Ringing SLIC Family
DATASHEET
The RSLIC18™ family of ringing subscriber line interface
circuits (RSLIC) supports analog Plain Old Telephone
Service (POTS) in short and medium loop length, wireless
and wireline applications. Ideally suited for remote
subscriber units, this family of products offers flexibility to
designers with high ringing voltage and low power
consumption system requirements.
The HC55183 and HC55184 family operates up to 75V, and
the HC55185 family operates to 100V, which translates
directly to the amount of ringing voltage supplied to the end
subscriber. With 100V operating voltage, subscriber loop
lengths can be extended up to 500
 (i.e., 5,000 feet) and
beyond.
Other key features across the product family include: low
power consumption, ringing using sinusoidal or trapezoidal
waveforms, robust auto-detection mechanisms for when
subscribers go on or off hook, and minimal external discrete
application components. Integrated test access features are
also offered on selected products to support loopback
testing as well as line measurement tests.
There are 2 product offerings in the RSLIC18 family:
HC55183 and HC55184. The architecture for this family is
based on a voltage feed amplifier design using low fixed loop
gains to achieve high analog performance with low
susceptibility to system induced noise.
Block Diagram
Features
• Battery Operation to 75V
• Low Standby Power Consumption of 50mW
• Peak Ringing Amplitude 95V, 5 REN
• Sinusoidal or Trapezoidal Ringing Capability
• Integrated CODEC Ringing Interface
• Integrated MTU DC Characteristics
• Low External Component Count
• Pulse Metering and On Hook Transmission
• Tip Open Ground Start Operation
• Thermal Shutdown with Alarm Indicator
• 28 Lead Surface Mount Packaging
• Dielectric Isolated (DI) High Voltage Design
• HC55183
- Integrated Battery Switch
- 45dB Longitudinal Balance
• HC55184
- Integrated Battery Switch
- Silent Polarity Reversal
- 45dB Longitudinal Balance
• Pb-Free (RoHS Compliant)
Applications
• Wireless Local Loop (WLL)
• Digital Added Main Line (DAML)/Pairgain
• Integrated Services Digital Network (ISDN)
• Small Office Home Office (SOHO) PBX
• Cable/Computer Telephony
Related Literature
• AN9824, Spice Model Tutorial of the RSLIC18 AC Loop
VRS
VRX
VTX
-IN
VFB
F2
F1
F0
ILIM
TIP
RING
SW+
SW-
RTD RD
DET ALM
RINGING
PORT
4-WIRE
PORT
CONTROL
LOGIC
BATTERY
SWITCH
TRANSMIT
SENSING
DETECTOR
LOGIC
DC
CONTROL
2-WIRE
PORT
TEST
ACCESS
E0
POL
CDC
VBH
VBL
BSEL
SWC


Similar Part No. - HC55183

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55183 INTERSIL-HC55183 Datasheet
158Kb / 19P
Extended Reach Ringing SLIC Family
October 1998
HC55183 INTERSIL-HC55183 Datasheet
388Kb / 21P
Extended Reach Ringing SLIC Family
July 13, 2005
HC55183 INTERSIL-HC55183 Datasheet
465Kb / 19P
Extended Reach Ringing SLIC Family
August 10, 2010
HC55183ECM INTERSIL-HC55183ECM Datasheet
158Kb / 19P
Extended Reach Ringing SLIC Family
October 1998
HC55183ECM INTERSIL-HC55183ECM Datasheet
388Kb / 21P
Extended Reach Ringing SLIC Family
July 13, 2005
More results

Similar Description - HC55183

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
Extended Reach Ringing SLIC Family
October 1998
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
3.3V Ringing SLIC Family for Voice Over Broadband VOB
October 2003
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
Analog Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
logo
Intersil Corporation
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
Extended Reach Ringing SLIC Family
July 13, 2005
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
VoIP Ringing SLIC Family
December 18, 2006
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
Extended Reach Ringing SLIC Family
August 10, 2010
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
VoIP Ringing SLIC Family
February 9, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com