Electronic Components Datasheet Search
  English  ▼

X  

HC55183 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HC55183
Description  Extended Reach Ringing SLIC Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55183 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HC55183 Datasheet HTML 1Page - Renesas Technology Corp HC55183 Datasheet HTML 2Page - Renesas Technology Corp HC55183 Datasheet HTML 3Page - Renesas Technology Corp HC55183 Datasheet HTML 4Page - Renesas Technology Corp HC55183 Datasheet HTML 5Page - Renesas Technology Corp HC55183 Datasheet HTML 6Page - Renesas Technology Corp HC55183 Datasheet HTML 7Page - Renesas Technology Corp HC55183 Datasheet HTML 8Page - Renesas Technology Corp HC55183 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
HC55183, HC55184
FN4519 Rev 8.00
Page 2 of 19
August 10, 2010
Ordering Information (PLCC Package Only)
PART NUMBER
100V
85V
BAT
SW
POL
REV
FULL
TEST
LOOP
BACK
ONLY LB = 53dB LB = 58dB
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
HC55183ECMZ (Note)
75V
45dB
0 to +70 28 Ld PLCC (Pb-free) N28.45
HC55183ECMZ96 (Note)
75V
45dB
0 to +70 28 Ld PLCC (Pb-free) N28.45
HC55184ECMZ (Note)
75V

45dB
0 to +70 28 Ld PLCC (Pb-free) N28.45
HC55184ECMZR4749
(Note)
75V

45dB
0 to +70 28 Ld PLCC (Pb-free) N28.45
HC55184ECMZ96R4749
(Note)
75V

45dB
0 to +70 28 Ld PLCC (Pb-free) N28.45
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Device Operating Modes
OPERATING MODE
F2
F1
F0
E0 = 1
E0 = 0
DESCRIPTION
HC55183
HC55184
Low Power Standby
0
0
0
SHD
GKD
MTU compliant standby mode with active
loop detector.
••
Forward Active
0
0
1
SHD
GKD
Forward battery loop feed.
••
Unused
0
1
0
n/a
n/a
This is a reserved internal test mode.
Reverse Active
0
1
1
SHD
GKD
Reverse battery loop feed.
•
Ringing
1
0
0
RTD
RTD
Balanced ringing mode supporting both
sinusoidal, trapezoidal and ringing
waveforms with DC offset.
••
Forward Loop Back
1
0
1
SHD
GKD
Internal device test mode.
Tip Open
1
1
0
SHD
GKD
Tip amplifier disabled and ring amplifier
enabled. Intended for PBX type applications.
Power Denial
1
1
1
n/a
n/a
Device shutdown.
••



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com