Electronic Components Datasheet Search
  English  ▼

X  

HC55150 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HC55150
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55150 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HC55150 Datasheet HTML 1Page - Renesas Technology Corp HC55150 Datasheet HTML 2Page - Renesas Technology Corp HC55150 Datasheet HTML 3Page - Renesas Technology Corp HC55150 Datasheet HTML 4Page - Renesas Technology Corp HC55150 Datasheet HTML 5Page - Renesas Technology Corp HC55150 Datasheet HTML 6Page - Renesas Technology Corp HC55150 Datasheet HTML 7Page - Renesas Technology Corp HC55150 Datasheet HTML 8Page - Renesas Technology Corp HC55150 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
HC55120, HC55121, HC55130, HC55140, HC55142, HC55143, HC55150
FN4659 Rev 13.00
Page 3 of 36
June 1, 2006
HC55143IM
45
••
•
•
•
•
•
63dB
-40 to 85 N32.45x55
PLCC
HC55143IMZ
Pb-free (Note)
45
••
•
•
•
•
•
63dB
-40 to 85 N32.45x55
PLCC
HC55150CB
45
••
•
•
55dB
0 to 70 M28.3
SOIC
HC55150CBZ
Pb-free (Note)
45
••
•
•
55dB
0 to 70 M28.3
SOIC
HC55150CM
45
••
•
•
55dB
0 to 70 N28.45
PLCC
HC55150CMZ
Pb-free (Note)
45
••
•
•
55dB
0 to 70 N28.45
PLCC
HC5514XEVAL1
Evaluation board
† Available by placing SLIC in Test mode.
*Part marking is the same as the part number on all parts.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART
NUMBER*
MAX
LOOP
CURRENT
(mA)
POLARITY
REVERSAL
GND
START
GND
KEY
LINE
VOLTAGE
MEASUREMENT
†
PULSE
METERING
2 TEST
RELAY
DRIVERS
2 WIRE
LOOP-
BACK
†
LONGITUDINAL
BALANCE
TEMP
RANGE
(°C)
PKG.
DWG. #
Device Operating Modes
C3
C2
C1
DESCRIPTION
HC55120
HC55121
HC55130/1
HC55140/1
HC55142/3
HC55150/1
0
0
0
Open Circuit
4-Wire Loopback
•
•
••
••
0
0
1
Ringing
•
•
••
••
0
1
0
Forward Active
•
•
••
••
0
1
1
Test Forward Active
2 Wire Loopback and
Line Voltage Measurement
••
•
•
1
0
0
Tip Open Ground Start
••
101
Reserved
•
•
••
••
1
1
0
Reverse Active
••
•
•
1
1
1
Test Reverse Active
Line Voltage Measurement
••
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com