Electronic Components Datasheet Search
  English  ▼

X  

HC55150 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HC55150
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55150 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HC55150 Datasheet HTML 1Page - Renesas Technology Corp HC55150 Datasheet HTML 2Page - Renesas Technology Corp HC55150 Datasheet HTML 3Page - Renesas Technology Corp HC55150 Datasheet HTML 4Page - Renesas Technology Corp HC55150 Datasheet HTML 5Page - Renesas Technology Corp HC55150 Datasheet HTML 6Page - Renesas Technology Corp HC55150 Datasheet HTML 7Page - Renesas Technology Corp HC55150 Datasheet HTML 8Page - Renesas Technology Corp HC55150 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
HC55120, HC55121, HC55130, HC55140, HC55142, HC55143, HC55150
FN4659 Rev 13.00
Page 4 of 36
June 1, 2006
Absolute Maximum Ratings TA = 25°C
Thermal Information
Temperature, Humidity
Storage Temperature Range . . . . . . . . . . . . . . . . .-65°C to 150°C
Operating Temperature Range. . . . . . . . . . . . . . . . -40°C to 110°C
Operating Junction Temperature Range . . . . . . . .-40°C to 150°C
Power Supply (-40°C
 TA  85°C)
Supply Voltage VCC to GND . . . . . . . . . . . . . . . . . . . . -0.4V to 7V
Supply Voltage VBL to GND . . . . . . . . . . . . . . . . . . . .-VBH to 0.4V
Supply Voltage VBH to GND, Continuous . . . . . . . . . -75V to 0.4V
Supply Voltage VBH to GND, 10ms . . . . . . . . . . . . . . -80V to 0.4V
Relay Driver
Ring Relay Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 0V to 14V
Ring Relay Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Digital Inputs, Outputs (C1, C2, C3, C4, C5, SHD, GKD_LVM)
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to VCC
Output Voltage (SHD, GKD_LVM Not Active) . . . . . -0.4V to VCC
Output Current (SHD, GKD_LVM) . . . . . . . . . . . . . . . . . . . . . 5mA
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .500V
Gate Count. . . . . . . . . . . . . . . . . . . . . . . 543 Transistors, 51 Diodes
Tipx and Ringx Terminals (-40°C
TA85°C)
Tipx or Ringx Current . . . . . . . . . . . . . . . . . . . . -100mA to 100mA
Thermal Resistance (Typical, Note 1)
JA
28 Lead PLCC Package. . . . . . . . . . . . . . . . . . . . . .
52°C/W
28 Lead SOIC Package . . . . . . . . . . . . . . . . . . . . . .
45°C/W
32 Lead PLCC Package. . . . . . . . . . . . . . . . . . . . . .
66.2°C/W
Continuous Power Dissipation at 85°C
28 Lead PLCC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5W
28 Lead SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.0W
32 Lead PLCC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.4W
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . . . . . 300°C
(PLCC, SOIC - Lead Tips Only)
Derate above 70°C
Tip and Ring Terminals
Tipx or Ringx, Current, Pulse < 10ms, TREP > 10s . . . . . . . . . .2A
Tipx or Ringx, Current, Pulse < 1ms, TREP > 10s . . . . . . . . . . .5A
Tipx or Ringx, Current, Pulse < 10
s, TREP > 10s . . . . . . . . .15A
Tipx or Ringx, Current, Pulse < 1
s, TREP > 10s . . . . . . . . . .20A
Tipx or Ringx, Pulse < 250ns, TREP > 10s
20A
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on an evaluation PC board in free air.
Typical Operating Conditions
These represent the conditions under which the device was developed and are suggested as guidelines.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ambient Temperature
HC55120, HC55150/1
0
-
70
°C
HC55121, HC55130/1, HC55140/1,
HC55142/3
-40
-
85
°C
VBH with Respect to GND
-58
-
-8
V
VBL with Respect to GND
VBH
-0
V
VCC with Respect to GND
4.75
-
5.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com