Electronic Components Datasheet Search
  English  ▼

X  

CS61582 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS61582
Description  DUAL T1/E1 LINE INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61582 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS61582 Datasheet HTML 8Page - Cirrus Logic CS61582 Datasheet HTML 9Page - Cirrus Logic CS61582 Datasheet HTML 10Page - Cirrus Logic CS61582 Datasheet HTML 11Page - Cirrus Logic CS61582 Datasheet HTML 12Page - Cirrus Logic CS61582 Datasheet HTML 13Page - Cirrus Logic CS61582 Datasheet HTML 14Page - Cirrus Logic CS61582 Datasheet HTML 15Page - Cirrus Logic CS61582 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
lected by the 1XCLK pin. In systems with a jit-
tered transmit clock, the reference clock should
not be tied to the transmit clock and a separate
external oscillator should drive the reference
clock input. Any jitter present on the reference
clock will not be filtered by the jitter attenuator.
POWER-UP RESET
On power-up, the device is held in a static state
until the power supply achieves approximately
60% of the power supply voltage. When this
threshold is crossed, the device waits another 10
ms to allow the power supply to reach operating
voltage and then calibrates the transmit and re-
ceive circuitry. This initial calibration takes less
than 20 ms but can occur only if REFCLK and
TCLK are present. The power-up reset performs
the same functions as the RESET pin.
LINE CONTROL AND MONITORING
Line control and monitoring of the CS61582 is
achieved using the control pins. The controls and
indications available on the CS61582 are de-
tailed below.
Device Performance Monitor
To aid in the early detection and easy isolation
of non-functioning links, the CS61582 is capable
of monitoring the transmit driver performance
and report when the driver is no longer opera-
tional. The driver performance monitor consists
of an activity detector that monitors the transmit-
ted signal when MTIP is connected to TTIP and
MRING is connected to TRING. The DPM out-
put will go high when the differential inputs
MTIP and MRING are inactive for 512
±2
REFCLK periods. The DPM output returns low
when the monitor senses a minimum 12.5% ones
density signal over 175
±75 bit periods with no
more than 100 consecutive zeros. To increase the
reliability of the performance monitor, it is sug-
gested that the monitor inputs of one channel be
connected the transmitter output pins of another
channel or device.
Loss of Signal
The loss of signal (LOS) indication is detected
by the receiver and reported by setting the LOS
pin high. Loss of signal is indicated when
175
±15 consecutive zeros are received. The LOS
condition is exited according to the ANSI
T1.231-1993 criteria that requires 12.5% ones
density over 175
±75 bit periods with no more
than 100 consecutive zeros. Note that bit errors
may occur at RPOS and RNEG prior to the LOS
indication if the analog input level falls below
the receiver sensitivity.
The LOS pin is set high when the device is reset
or in power-up and returns low when data is re-
covered by the receiver.
Transmit All Ones
Transmit all ones is selected by setting the
TAOS pin high. Selecting TAOS causes continu-
ous ones to be transmitted to the line interface
on TTIP and TRING at the frequency of
REFCLK. In this mode, the transmit data inputs
TPOS and TNEG are ignored. A TAOS request
overrides the data transmitted to the line inter-
face during local and remote loopbacks.
Local Loopback
A local loopback is selected by setting the
LLOOP pin high. Selecting LLOOP causes the
TCLK, TPOS, and TNEG inputs to be looped
back through the jitter attenuator to the RCLK,
RPOS, and RNEG outputs. Data received at the
line interface is ignored, but data at TPOS and
TNEG continues to be transmitted to the line in-
terface at TTIP and TRING.
A TAOS request overrides the data transmitted to
the line interface during local loopback. Note
that simultaneous selection of local and remote
loopback modes is not valid.
12
DS224PP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com