Electronic Components Datasheet Search
  English  ▼

X  

BAV5005LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAV5005LP
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV5005LP Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV5005LP Datasheet HTML 1Page - Diodes Incorporated BAV5005LP Datasheet HTML 2Page - Diodes Incorporated BAV5005LP Datasheet HTML 3Page - Diodes Incorporated BAV5005LP Datasheet HTML 4Page - Diodes Incorporated BAV5005LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAV5005LP
Document number: DS38043 Rev. 4 - 2
2 of 5
www.diodes.com
March 2017
© Diodes Incorporated
BAV5005LP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
400
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
350
V
RMS Reverse Voltage
VR(RMS)
247
V
Forward Continuous Current (Note 5)
IFM
300
mA
Peak Repetitive Forward Current (Note 5)
IFRM
625
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0ms
IFSM
4.0
2.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5) (See Figure 1)
PD
350
mW
Thermal Resistance Junction to Ambient Air (Note 5)
RJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
400
V
IR = 150µA
Forward Voltage
VF


1.08
1.27
1.50
V
IF = 20mA
IF = 100mA
IF = 200mA
Reverse Current (Note 6)
IR

1
100
µA
µA
VR = 240V
VR = 240V, TJ = +150°C
Total Capacitance
CT
0.9
2.5
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
tRR
35
ns
IF = IR = 30mA,
IRR = 3.0mA, RL = 100Ω
Notes:
5. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com