Electronic Components Datasheet Search
  English  ▼

X  

BAV5005LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAV5005LP
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV5005LP Datasheet(HTML) 3 Page - Diodes Incorporated

  BAV5005LP Datasheet HTML 1Page - Diodes Incorporated BAV5005LP Datasheet HTML 2Page - Diodes Incorporated BAV5005LP Datasheet HTML 3Page - Diodes Incorporated BAV5005LP Datasheet HTML 4Page - Diodes Incorporated BAV5005LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAV5005LP
Document number: DS38043 Rev. 4 - 2
3 of 5
www.diodes.com
March 2017
© Diodes Incorporated
BAV5005LP
0
50
100
25
50
75
100
125
T , AMBIENT TEMPERATURE (°C)
A
Figure 1 Power Derating Curve, Total Package
150
150
200
250
0
300
350
400
Note 5
Figure 2 Typical Forward Characteristics
1
10
100
1000
0
200
400
600
800
1000 1200 1400 1600
V
INSTANTANEOUS FORWARD VOLTAGE mV
F,
(
)
T
= 150°C
A
T
= 125°C
A
T
= 85°C
A
T
= 25°C
A
T
= -55°C
A
Figure 3 Typical Reverse Characteristics
0.0001
0.001
0.01
0.1
1
10
100
1000
0
50
100
150
200 250
300
350
400
450
V , REVERSE VOLTAGE(V)
R
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
Figure 4 Typical Total Capacitance vs. Reverse Voltage
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
5
10
15
20
25
30
35
40
V , DC REVERSE VOLTAGE(V)
R
f = 1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com