Electronic Components Datasheet Search
  English  ▼

X  

D4DL Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # D4DL
Description  Compact Guard-locking Interlock Safety Door Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D4DL Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button D4DL Datasheet HTML 5Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 6Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 7Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 8Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 9Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 10Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 11Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 12Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
D4DL
D4DL
9
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
Switch
D4DL-
jjjj-j
Four, head mounting screw
Pre-travel distance
Three, 4.3-dia. holes
Indicator
Three, cover
counting
screws
Conduit cap
Release key
Conduit opening
Operating characteristics
Model
Key insertion force
14.71 N {1,500 gf} max.
Key extraction force
29.42 N {3,000 gf} max.
Pre-travel distance
9 mm max.
Movement before being locked
3 mm min.
Operation Key
D4DS-K1
Horizontal Mounting
Four, R2.15
D4DS-K2
Vertical Mounting
Four, R2.15
D4DS-K3
Horizontal-adjustable Vertical Mounting
9 dia.
4.5 dia.
8 dia.
Note:
Each dimension has a tolerance of
±0.4 mm unless otherwise specified.
D4DS-K5
Horizontal/Vertical-adjustable Vertical Mounting
18
°
Two, M4
9±0.1
41±0.1
43±0.1
Mounting Holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com