Electronic Components Datasheet Search
  English  ▼

X  

D4DL Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # D4DL
Description  Compact Guard-locking Interlock Safety Door Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D4DL Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button D4DL Datasheet HTML 8Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 9Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 10Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 11Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 12Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 13Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 14Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 15Page - List of Unclassifed Manufacturers D4DL Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
D4DL
D4DL
13
Switch Mounting Holes
Three, M4
Operation Key Mounting Holes
• Horizontal/Vertical Mounting
D4DSK1/D4DS-K2
Two, M4
• Horizontal-adjustable Vertical Mounting
D4DS-K3
Two, M4
• Horizontal/Vertical-adjustable Vertical Mounting
D4DS-K5
Two, M4
41±0.1
43±0.1
Head Direction
By removing the four screws of the head, the mounting direction of
the head can be changed. The head can be mounted in four direc-
tions.
Wiring
Do not connect lead wires directly to the terminals. Be sure to con-
nect the lead wires through insulation tubes and crimp terminals.
The lead wires must be an AWB20 to AWG18 type (i.e., 0.5 to 10
mm2 thick).
D dia.
dz dia.
dz dia.:
3.7
D dia.:
4.5
B:
7.0
L:
20.2
F:
7.7
I:
9.0 (mm)
Wire the crimp terminal as shown in the following diagram so that it
will not come in contact with the case or cover.
Terminal screw
Crimp terminal
Correct
Incorrect
Conduit Opening
Connect a recommended connector (see following table) to the
opening of the conduit and tighten the connector to the proper
torque. The casing may be damaged if an excessive tightening
torque is applied.
Be sure that the diameter of the cable connected to the connector is
correct.
Attach and tighten a conduit cap to the unused conduit opening
when wiring the D4DL. The conduit cap is provided with the D4DL.
Recommended Connectors
Size
Manufacturer
Model
Proper cable
diameter
G1/2
OMRON
SC-6
7.5 to 9.0 mm
G /2
LAPP
ST-PF1/2
5380-1002
6.0 to 12.0 mm
Ohm Denki
OA-W1609
7.0 to 9.0 mm
Pg13.5
LAPP
ST13.5
5301-5030
5.0 to 12.0 mm
HEYCO
3216
4.3 to 11.9 mm
Note:
LAPP is a German manufacturer.
Ohm Denki is a Japanese manufacturer.
HEYCO is an American manufacturer.
Maintenance and Repairs
Please note in the machine manufacturer’s instruction manual that
the user must not repair or maintain the switch and must contact the
machine manufacturer for any repairs or maintenance.
Others
The solenoid radiates heat when power is supplied to the solenoid.
Do not touch the solenoid while the power is supplied.
Use the D4BL under conditions requiring greater rigidity, sealing
performance, and oil resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com