Electronic Components Datasheet Search
  English  ▼

X  

DM5806 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # DM5806
Description  DM5806 DATA MODULE DIGITAL I/O BOARD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM5806 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button DM5806 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
4-3
Defining the I/O Map
The I/O map for the DM5806 is shown in Table 4-1 below. As shown, the board occupies 12 consecutive I/O
port locations. The base address (designated as BA) can be selected using DIP switch S1 as described in Chapter 1,
Board Settings. This switch can be accessed without removing the board from the connectorr. The following
sections describe the register contents of each address used in the I/O map.
BA + 0: PPI Port A — Digital I/O (Read/Write)
Transfers the 8-bit Port A digital input and digital output data between the board and an external device. A read
transfers data from the external device, through P2, and into PPI Port A; a write transfers the written data from
Port A through P2 to an external device.
BA + 1: PPI Port B — Digital I/O (Read/Write)
Transfers the 8-bit Port B digital input and digital output data between the board and an external device. A read
transfers data from the external device, through P2, and into PPI Port B; a write transfers the written data from
Port B through P2 to an external device.
BA + 2: PPI Port C — Digital I/O (Read/Write)
Transfers the two 4-bit Port C digital input and digital output data groups (Port C Upper and Port C Lower)
between the board and an external device. A read transfers data from the external device, through P2 and P6, and
into PPI Port C; a write transfers the written data from Port C through P2 and P6 to an external device.
Table 4-1: DM5806 I/O Map
Register Description
Read Function
Write Function
Address *
(Decimal)
8255 PPI Port A
Read Port A digital input lines Program Port A digital output lines
BA + 0
8255 PPI Port B
Read Port B digital input lines Program Port B digital output lines
BA + 1
8255 PPI Port C
Read Port C digital input lines Program Port C digital output lines
BA + 2
8255 PPI Control Word
Not used
Program PPI configuration
BA + 3
IRQ Enable
Not used
Enable and disable interrupt
generation
BA + 4
Interrupt Status/Clear
Read status of interrupt
Clear interrupt
BA + 5
Reserved
BA + 6
Reserved
BA + 7
8254 Timer/Counter 0
Read TC0 count value
Load TC0 count register
BA + 8
8254 Timer/Counter 1
Read TC1 count value
Load TC1 count register
BA + 9
8254 Timer/Counter 2
Read TC2 count value
Load TC2 count register
BA + 10
8254 Control Word
Not used
Program control register
BA + 11
* BA = Base Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com