Electronic Components Datasheet Search
  English  ▼

X  

DM5806 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # DM5806
Description  DM5806 DATA MODULE DIGITAL I/O BOARD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM5806 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button DM5806 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM5806 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
1-5
P4 — Interrupt Source Select (Factory Setting: EXT)
This header connector, shown in Figure 1-4, lets you connect one of six interrupt sources for interrupt genera-
tion. These sources are: OT0, OT1, and OT2, which are the three 8254 timer/counter outputs; PC3, which is the
INTRA signal from the 8255 PPI; PC0, which is the INTRB signal from the 8255 PPI; and EXT, an external
interrupt you can route onto the board through the P2 I/O connector. To connect an interrupt source, place the
jumper across the desired set of pins. Note that only ONE interrupt source can be activated at a time.
Fig. 1-4 — Interrupt Source Select Jumper, P4
P4
P5 — 8254 Timer/Counter Clock Sources (Factory Settings: CLK0-OSC, CLK1-OT0, CLK2-OT1)
This header connector, shown in Figure 1-5, lets you select the clock sources for the 8254 timer/counters, TC0,
TC1, and TC2. The factory setting cascades all three timer/counters, with the clock source for TC0 being the on-
board 8 MHz oscillator, the output of TC0 providing the clock for TC1, and the output of TC1 providing the clock
for TC2. You can connect any or all of the sources to an external clock input through the P6 on-board I/O connector,
or you can set TC1 and TC2 to be clocked by the 8 MHz oscillator. Figure 1-6 shows a block diagram of the timer/
counter circuitry to help you with these connections.
NOTE: When installing jumpers on this header, make sure that only one jumper is installed in each group of
two or three CLK pins.
OSC
EC0
OT0
OSC
EC1
OT1
OSC
EC2
Fig. 1-5 — 8254 Timer/Counter Clock Source Jumpers, P5
P5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com