Electronic Components Datasheet Search
  English  ▼

X  

EFD25 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # EFD25
Description  EFD cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

EFD25 Datasheet(HTML) 2 Page - NXP Semiconductors

  EFD25 Datasheet HTML 1Page - NXP Semiconductors EFD25 Datasheet HTML 2Page - NXP Semiconductors EFD25 Datasheet HTML 3Page - NXP Semiconductors EFD25 Datasheet HTML 4Page - NXP Semiconductors EFD25 Datasheet HTML 5Page - NXP Semiconductors EFD25 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1997 Nov 21
2
Philips Components
Product specification
EFD cores and accessories
EFD25
CORES
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
1.00
mm−1
Ve
effective volume
3300
mm3
Ie
effective length
57.0
mm
Ae
effective area
58.0
mm2
Amin
minimum area
55
mm2
m
mass of core half
≈8g
Fig.1 EFD25 core half.
Dimensions in mm.
handbook, halfpage
MGC342
11.4
0.2
18.7 0.6
25 0.65
9.3
0.25
12.5
0.15
5.2
0.15
0.6
9.1
0.2
Core halves
Gapped cores are available on request. Clamping force 40
±20 N.
Properties of core sets under power conditions
GRADE
AL
(nH)
µ
e
AIR GAP
(
µm)
TYPE NUMBER
3C30
1800
±25%
≈1450
≈0
EFD25-3C30
3C85
2200
±25%
≈1780
≈0
EFD25-3C85
3C90
2200
±25%
≈1780
≈0
EFD25-3C90
3F3
2000
±25%
≈1600
≈0
EFD25-3F3
3F4
1000
±25%
≈800
≈0
EFD25-3F4
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f=25kHz;
= 200 mT;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f = 400 kHz;
=50mT;
T = 100
°C
f = 1 MHz;
=30mT;
T = 100
°C
f = 3 MHz;
=10mT;
T = 100
°C
3C30
≥360
≤0.35
≤0.38
−−
−
3C85
≥320
≤0.50
≤0.60
−−
−
3C90
≥330
≤0.35
≤0.38
−−
−
3F3
≥315
−≤0.38
≤0.66
−−
3F4
≥300
−−
−
≤0.70
≤1.10
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com