Electronic Components Datasheet Search
  English  ▼

X  

EFD25 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # EFD25
Description  EFD cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

EFD25 Datasheet(HTML) 3 Page - NXP Semiconductors

  EFD25 Datasheet HTML 1Page - NXP Semiconductors EFD25 Datasheet HTML 2Page - NXP Semiconductors EFD25 Datasheet HTML 3Page - NXP Semiconductors EFD25 Datasheet HTML 4Page - NXP Semiconductors EFD25 Datasheet HTML 5Page - NXP Semiconductors EFD25 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1997 Nov 21
3
Philips Components
Product specification
EFD cores and accessories
EFD25
COIL FORMERS
General data
Winding data for EFD25 coil former with 10-pins
PARAMETER
SPECIFICATION
Coil former material
phenolformaldehyde (PF), glass-reinforced, flame retardant in accordance with
“UL 94V-0”; UL file number E167521(M)
Pin material
copper-tin alloy (CuSn), tin-lead alloy (SnPb) plated
Maximum operating temperature
180
°C, “IEC 85” class H
Resistance to soldering heat
“IEC 68-2-20”, Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 68-2-20”, Part 2, Test Ta, method 1
NUMBER OF
SECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
TYPE NUMBER
1
40.2
16.4
46.4
CSH-EFD25-1S-10P
handbook, full pagewidth
MGC343
5
0.05
1.3
0.15
0
O
13.1
0
0.1
12
0
0.2
18
0
0.2
18
(16.4 min)
0
0.2
0.8
10
3.6
20
25.2 max
22.5
26.2 max
12.5
max
11.7
0.1
0
5.5
0.1
0
6.9
0
0.1
22.5
Fig.2 EFD25 coil former; 10-pins.
Dimensions in mm.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com