Electronic Components Datasheet Search
  English  ▼

X  

ISL1561IRZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL1561IRZ
Description  Fixed Gain Dual Port Class-G Differential xDSL Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL1561IRZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL1561IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ISL1561
FN7941 Rev 1.00
Page 13 of 13
February 26, 2013
Package Outline Drawing
L24.4x4H
24 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 09/11
C
0 . 2 REF
0 . 05 MAX.
0 . 00 MIN.
5
4.00
A
B
(4X)
0.15
6
PIN 1
INDEX AREA
19
PIN #1 INDEX AREA
24
2.50
20X 0.50
Exp. DAP
6
1
18
12
24X 0.40 ±0.10
7
6
2.50
SEE DETAIL "X"
SEATING PLANE
0.08
0.10
C
C
C
( 3.80 )
( 2.50 )
( 24 X 0.60)
(24X .25)
( 20X 0.50)
( 3.80 )
( 2.50)
TYPICAL RECOMMENDED LAND PATTERN
0.10
24X 0.25 +0.07
A
M C
4
2.50 ±0.05 Sq.
0.25 min (4 sides)
-0.05
0.90 ±0.10
Dimensioning and tolerancing conform to AMSEY14.5m-1994.
Dimension applies to the metallized terminal and is measured
The configuration of the pin #1 identifier is optional, but must be
Dimensions in (
) for Reference Only.
between 0.15mm and 0.30mm from the terminal tip.
Tiebar shown (if present) is a non-functional feature.
Unless otherwise specified, tolerance : Decimal ± 0.05
4.
5.
6.
3.
2.
Dimensions are in millimeters.
NOTES:
1.
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
13
Compliant to JEDEC MO-220 VGGD-8
7.
B
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com