Electronic Components Datasheet Search
  English  ▼

X  

ISL1561IRZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL1561IRZ
Description  Fixed Gain Dual Port Class-G Differential xDSL Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL1561IRZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL1561IRZ Datasheet HTML 1Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 2Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 3Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL1561IRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ISL1561
FN7941 Rev 1.00
Page 2 of 13
February 26, 2013
Pin Configuration
ISL1561
(24 LD QFN)
TOP VIEW
THERMAL
PAD
18
17
16
15
14
13
1
2
3
4
5
6
INPA
INPB
VCMAB
VCMCD
INPC
INPD
VSP
CPP
CMM
CMSW
GND
THERMAL PAD CONNECTS TO GROUND
CPSW
Pin Descriptions
ISL1561
(24 Ld QFN)
PIN
NAME
FUNCTION
1
INPA
Amplifier A non-inverting input
2
INPB
Amplifier B non-inverting input
3
VCMAB
Input common mode bias for port AB
4
VCMCD
Input common mode bias for port CD
5
INPC
Amplifier C non-inverting input
6
INPD
Amplifier D non-inverting input
7
CS
Chip select, low enables data input to logic
8
SCLK
Serial clock input
9
FBD
Feedback pin for amplifier D
10
OUTD
Amplifier D output
11
OUTC
Amplifier C output
12
FBC
Feedback pin for amplifier C
13
GND
Ground
14
CMSW
Internal negative boost supply
15
CMM
Internal negative supply
16
CPP
Internal positive supply
17
CPSW
Internal positive boost supply
18
VSP
Positive supply voltage
19
FBB
Feedback pin for amplifier B
20
OUTB
Amplifier B output
21
OUTA
Amplifier A output
22
FBA
Feedback pin for amplifier A
23
SDATA
Serial data write
24
BOOST
Class G control input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com