Electronic Components Datasheet Search
  English  ▼

X  

ISL8394IB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL8394IB
Description  Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8394IB Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL8394IB Datasheet HTML 1Page - Renesas Technology Corp ISL8394IB Datasheet HTML 2Page - Renesas Technology Corp ISL8394IB Datasheet HTML 3Page - Renesas Technology Corp ISL8394IB Datasheet HTML 4Page - Renesas Technology Corp ISL8394IB Datasheet HTML 5Page - Renesas Technology Corp ISL8394IB Datasheet HTML 6Page - Renesas Technology Corp ISL8394IB Datasheet HTML 7Page - Renesas Technology Corp ISL8394IB Datasheet HTML 8Page - Renesas Technology Corp ISL8394IB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ISL8394
FN6038 Rev 3.00
Page 5 of 11
March 13, 2006
Turn-OFF Time, tOFF
V+ = 4.5V, VNO or VNC = 3V, RL = 300, CL = 35pF,
VIN = 0 to 3V, (See Figure 1)
25
-
40
125
ns
Full
-
-
175
ns
Break-Before-Make Time Delay, tD
V+ = 5.5V, VNO or VNC = 3V, RL = 300, CL = 35pF,
VIN = 0 to 3V, (See Figure 3)
25
5
20
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0See Figure 2)
25
-
3
5
pC
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2
-
12
V
Positive Supply Current, I+
V+ = 5.5V, V- = 0V, VIN = 0V or V+, Switch On or Off
25
-1
0.01
1
A
Full
-1
-
1
A
Negative Supply Current, I-
25
-1
0.01
1
A
Full
-1
-
1
A
Electrical Specifications: 3.3V Supply
Test Conditions: V+ = +3.0V to +3.6V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 5)
TYP
MAX
(NOTE 5)UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 3V, ICOM = 1.0mA, VNO or VNC = 1.5V
25
-
75
185
Full
-
-
250
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 3.6V, VCOM = 0V, 4.5V, VNO or VNC = 3V, 1V,
(Note 6)
25
-0.2
-
0.2
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 3.6V, VCOM = VNO or VNC = 3V, (Note 6)
25
-0.4
-
0.4
nA
Full
-5
-
5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.4
-
-
V
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-1
-
1
A
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 3.0V, VNO or VNC = 1.5V, RL = 300, CL = 35pF,
VIN = 0 to 3V, (See Figure 1)
25
-
150
400
ns
Turn-OFF Time, tOFF
V+ = 3.0V, VNO or VNC = 1.5V, RL = 300, CL = 35pF,
VIN = 0 to 3V, (See Figure 1)
25
-
75
150
ns
Break-Before-Make Time Delay, tD
V+ = 3.6V, VNO or VNC = 1.5V, RL = 300, CL = 35pF,
VIN = 0 to 3V, (See Figure 3)
25
5
20
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0See Figure 2)
25
-
1
5
pC
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2
-
12
V
Positive Supply Current, I+
V+ = 3.6V, V- = 0V, VIN = 0V or V+, Switch On or Off
25
-1
0.01
1
A
Full
-1
-
1
A
Negative Supply Current, I-
25
-1
0.01
1
A
Full
-1
-
1
A
Electrical Specifications: 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 5)
TYP
MAX
(NOTE 5)UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com