Electronic Components Datasheet Search
  English  ▼

X  

ISL8394IB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL8394IB
Description  Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8394IB Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL8394IB Datasheet HTML 1Page - Renesas Technology Corp ISL8394IB Datasheet HTML 2Page - Renesas Technology Corp ISL8394IB Datasheet HTML 3Page - Renesas Technology Corp ISL8394IB Datasheet HTML 4Page - Renesas Technology Corp ISL8394IB Datasheet HTML 5Page - Renesas Technology Corp ISL8394IB Datasheet HTML 6Page - Renesas Technology Corp ISL8394IB Datasheet HTML 7Page - Renesas Technology Corp ISL8394IB Datasheet HTML 8Page - Renesas Technology Corp ISL8394IB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN6038 Rev 3.00
Page 1 of 11
March 13, 2006
FN6038
Rev 3.00
March 13, 2006
ISL8394
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
DATASHEET
The Intersil ISL8394 device is a precision, quad SPDT analog
switches designed to operate from a single +2V to +12V
supply or from a 2V to 6V supply. Targeted applications
include battery powered equipment that benefit from the
devices’ low power consumption (5
W), low leakage currents
(2.5nA max), and fast switching speeds (tON = 50ns,
tOFF = 30ns). A 4maximum RON flatness ensures signal
fidelity, while channel to channel mismatch is guaranteed to
be less than 2
.
The ISL8394 is a quad single-pole/double-throw (SPDT)
device and can be used as a quad SPDT, a quad 2:1
multiplexer, a single 4:1 multiplexer, or a dual 2-channel
differential multiplexer.
Table 1 summarizes the performance of this family. For higher
performance, pin compatible versions, see the ISL43240 data
sheet.
Ordering Information
Features
• Drop-in Replacement for MAX394
• Four Separately Controlled SPDT Switches
• ON Resistance (RON) . . . . . . . . . . . 17Typ) 35Max)
•RON Matching Between Channels. . . . . . . . . . . . . . . . . .<1
• Low Charge Injection . . . . . . . . . . . . . . . . . . . . . 10pC (Max)
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . . .<5W
• Low Leakage Current (Max at 85°C) . . . . . . . . . . . . 2.5nA
• Fast Switching Action
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30ns
• Guaranteed Break-Before-Make
• Minimum 2000V ESD Protection per Method 3015.7
• TTL, CMOS Compatible
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Battery Powered, Handheld, and Portable Equipment
- Barcode Scanners
- Laptops, Notebooks, Palmtops
• Communications Systems
-Radios
- Base Stations
- RF “Tee” Switches
• Test Equipment
- Ultrasound
- CAT/PET SCAN
- Electrocardiograph
• Audio and Video Switching
• General Purpose Circuits
- +3V/+5V DACs and ADCs
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
TABLE 1. FEATURES AT A GLANCE
ISL8394
Configuration
Quad SPDT
5V RON
17
5V tON/tOFF
50ns/30ns
5V RON
25
5V tON/tOFF
80ns/40ns
3V RON
75
3V tON/tOFF
150ns/75ns
Package
20 Ld SOIC
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL8394IB
ISL8394IB
-40 to 85
20 Ld SOIC M20.3
ISL8394IBZ
(See Note)
ISL8394IBZ
-40 to 85
20 Ld SOIC
(Pb-free)
M20.3
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
NOT RECOMMENDED FOR NEW DESIGNS
RECOMMENDED REPLACEMENT PART
ISL8393


Similar Part No. - ISL8394IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8394IB INTERSIL-ISL8394IB Datasheet
294Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
June 2003
ISL8394IB INTERSIL-ISL8394IB Datasheet
383Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
March 13, 2006
ISL8394IB-T INTERSIL-ISL8394IB-T Datasheet
294Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
June 2003
ISL8394IBZ INTERSIL-ISL8394IBZ Datasheet
383Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
March 13, 2006
More results

Similar Description - ISL8394IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43240 INTERSIL-ISL43240 Datasheet
442Kb / 14P
Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
April 2003
ISL8391 INTERSIL-ISL8391 Datasheet
337Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
June 2003
ISL8394 INTERSIL-ISL8394 Datasheet
294Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
June 2003
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
July 2003
ISL8394 INTERSIL-ISL8394_06 Datasheet
383Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
March 13, 2006
ISL84521 INTERSIL-ISL84521_04 Datasheet
363Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
August 2004
ISL43240 INTERSIL-ISL43240_04 Datasheet
463Kb / 14P
Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
July 2004
ISL8391 INTERSIL-ISL8391_04 Datasheet
341Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
August 2004
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
ISL84521IBZ INTERSIL-ISL84521IBZ Datasheet
388Kb / 13P
Low-Voltage, Single and Dual Supply,Quad SPST, Analog Switches
August 10, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com