Electronic Components Datasheet Search
  English  ▼

X  

ISL24021 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL24021
Description  1A Rail-to-Rail Input-Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL24021 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL24021 Datasheet HTML 5Page - Renesas Technology Corp ISL24021 Datasheet HTML 6Page - Renesas Technology Corp ISL24021 Datasheet HTML 7Page - Renesas Technology Corp ISL24021 Datasheet HTML 8Page - Renesas Technology Corp ISL24021 Datasheet HTML 9Page - Renesas Technology Corp ISL24021 Datasheet HTML 10Page - Renesas Technology Corp ISL24021 Datasheet HTML 11Page - Renesas Technology Corp ISL24021 Datasheet HTML 12Page - Renesas Technology Corp ISL24021 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ISL24021
FN6637 Rev 1.00
Page 13 of 13
October 18, 2011
Package Outline Drawing
L8.3x3K
8 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 7/11
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
C
0 . 203 REF
0 . 05 MAX.
0 . 02 NOM.
5
3.00
A
B
(4X)
0.15
6
PIN 1
INDEX AREA
PIN #1
6X 0.65
1.50 ±0.10
8
1
0.40 ± 0.05
6
0.75 ±0.05
SEE DETAIL "X"
0.08
0.10
C
C
C
( 2.90 )
(1.50)
( 8 X 0.25)
( 8X 0.50)
( 1.95)
2.30 ±0.10
0.10
8X 0.25 ±0.05
A
MC
B
4
2X 1.95
(6x 0.65)
INDEX AREA
PIN 1
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.20mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
Compliant to JEDEC MO-229 WEEC-2 except for the foot length.
7.
( 2.30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com