Electronic Components Datasheet Search
  English  ▼

X  

ISL24021 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL24021
Description  1A Rail-to-Rail Input-Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL24021 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL24021 Datasheet HTML 1Page - Renesas Technology Corp ISL24021 Datasheet HTML 2Page - Renesas Technology Corp ISL24021 Datasheet HTML 3Page - Renesas Technology Corp ISL24021 Datasheet HTML 4Page - Renesas Technology Corp ISL24021 Datasheet HTML 5Page - Renesas Technology Corp ISL24021 Datasheet HTML 6Page - Renesas Technology Corp ISL24021 Datasheet HTML 7Page - Renesas Technology Corp ISL24021 Datasheet HTML 8Page - Renesas Technology Corp ISL24021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ISL24021
FN6637 Rev 1.00
Page 2 of 13
October 18, 2011
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage Range (VDD -VSS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19.8V
Input Voltage Range (INN, INP). . . . . . . . . . . . . . . . . VSS - 0.5V, VDD + 0.5V
Input Differential Voltage (INP - INN) . . . . . . . . . .(VDD + 0.5V) - (VSS - 0.5V)
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7500V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
8 Ld TDFN Package (Notes 4, 5). . . . . . . . .
50
17
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see Figure 28
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
JC, the "case temp" location is the center of the ceramic on the package underside.
Electrical Specifications
VDD = 5V, VSS = -5V, RL = 1kto 0V, TA = +25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
POWER SUPPLY PERFORMANCE
VDD - VSS
Supply Voltage Range
4.5
19
V
IS
Supply Current
No load
2.1
2.8
mA
PSRR
Power Supply Rejection Ratio
VS is moved from ±2.25V to ±9.5V
60
80
dB
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
1.4
15
mV
TCVOS
Average Offset Voltage Drift (Note 7)
1
µV/°C
ILEAK
Input Leakage Current
VCM = 0V
2
10
nA
RIN
Input Resistance
1G
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
VSS-
0.5
VDD+
0.5
V
CMRR
Common-Mode Rejection Ratio
For VIN from -5.5V to 5.5V
50
70
dB
AVOL
Open-Loop Gain
-4.5V
VOUT 4.5V
75
100
dB
OUTPUT CHARACTERISTICS
VOH
Output Swing High
IL= 5mA, VIN = VDD
VDD-
0.15
VDD-
0.025
V
VOL
Output Swing Low
IL= -5mA,VIN = VSS
VSS+
0.025
VSS+
0.15
V
ISC
Short-Circuit Current
±1.0
A
IOUT
Continuous Output Current (Note 10)
±300
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 8)
-4.0V
VOUT 4.0V
18
V/µs
tS
Settling to 0.1% (Note 9)
AV = +1, VO = 2V step
80
ns
BW
-3dB Bandwidth
AV = +1, RL = 1kCL= 8pF
25
MHz
PM
Phase Margin
RL = 1kCL= 8pF
44
°
THERMAL PERFORMANCE
TTS
Thermal Shutdown Temperature
Die temperature at which the device will
shutdown until it cools by TTSH °C
+165
°C
TTSH
Thermal Shutdown Hysteresis
Die temperature below TTS °C when the
device will become operational after
shutdown
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com