Electronic Components Datasheet Search
  English  ▼

X  

ISL28005 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL28005
Description  Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28005 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL28005 Datasheet HTML 4Page - Renesas Technology Corp ISL28005 Datasheet HTML 5Page - Renesas Technology Corp ISL28005 Datasheet HTML 6Page - Renesas Technology Corp ISL28005 Datasheet HTML 7Page - Renesas Technology Corp ISL28005 Datasheet HTML 8Page - Renesas Technology Corp ISL28005 Datasheet HTML 9Page - Renesas Technology Corp ISL28005 Datasheet HTML 10Page - Renesas Technology Corp ISL28005 Datasheet HTML 11Page - Renesas Technology Corp ISL28005 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISL28005
FN6973 Rev 5.00
Page 8 of 16
October 24, 2013
FIGURE 11. NORMALIZED VOA vs IOUT
FIGURE 12. GAIN vs FREQUENCY VRS+= 100mV/12V,
VSENSE = 100mV, VOUT = 250mVP-P
FIGURE 13. CAPACITIVE LOAD DRIVE GAIN vs FREQUENCY
FIGURE 14. CAPACITIVE LOAD DRIVE PHASE vs FREQUENCY
FIGURE 15. NORMALIZED VOA vs IOUT
FIGURE 16. GAIN vs FREQUENCY VRS+ = 100mV/12V,
VSENSE = 100mV, VOUT = 250mVP-P
Typical Performance Curves V
CC = 12V, RL = 1M, unless otherwise specified. (Continued)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
1µ
10µ
100µ
1m
10m
IOUT(A)
+25°C
-40°C
+125°C
GAIN 50
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
-35
-25
-15
-5
5
15
25
35
45
VCC = 12V
AV = 50
RL = 1M
VSENSE = 100mV
GAIN 50
VRS+= 100mV
VRS+ = 12V
-40
-30
-20
-10
0
10
20
30
40
FREQUENCY (Hz)
50
VCC = 5V
AV = 50
VOUT = 400mVP-P
VRS- = 3V
1k
10k
100k
1M
NO CL
100pF
1000pF
4.7nF
10nF
-220
-180
-140
-100
-60
-20
20
60
100
140
180
220
FREQUENCY (Hz)
VCC = 5V
AV = 50
VOUT = 400mVP-P
VRS- = 3V
1k
10k
100k
1M
NO CL
100pF
1000pF
4.7nF
10nF
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
1µ
10µ
100µ
1m
10m
IOUT(A)
+25°C
-40°C
+125°C
GAIN 20
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
-35
-25
-15
-5
5
15
25
35
45
VCC = 12V
AV = 20
RL = 1M
VSENSE = 100mV
GAIN 20
VRS+= 100mV
VRS+ = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com