Electronic Components Datasheet Search
  English  ▼

X  

ISL28005 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL28005
Description  Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28005 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL28005 Datasheet HTML 1Page - Renesas Technology Corp ISL28005 Datasheet HTML 2Page - Renesas Technology Corp ISL28005 Datasheet HTML 3Page - Renesas Technology Corp ISL28005 Datasheet HTML 4Page - Renesas Technology Corp ISL28005 Datasheet HTML 5Page - Renesas Technology Corp ISL28005 Datasheet HTML 6Page - Renesas Technology Corp ISL28005 Datasheet HTML 7Page - Renesas Technology Corp ISL28005 Datasheet HTML 8Page - Renesas Technology Corp ISL28005 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN6973 Rev 5.00
Page 1 of 16
October 24, 2013
FN6973
Rev 5.00
October 24, 2013
ISL28005
Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
DATASHEET
The ISL28005 is a micropower, uni-directional high-side and
low-side current sense amplifier featuring a proprietary rail-to-
rail input current sensing amplifier. The ISL28005 is ideal for
high-side current sense applications where the sense voltage
is usually much higher than the amplifier supply voltage. The
device can be used to sense voltages as high as 28V when
operating from a supply voltage as low as 2.7V. The
micropower ISL28005 consumes only 50µA of supply current
when operating from a 2.7V to 28V supply.
The ISL28005 features a common-mode input voltage range
from 0V to 28V. The proprietary architecture extends the input
voltage sensing range down to 0V, making it an excellent
choice for low-side ground sensing applications. The benefit of
this architecture is that a high degree of total output accuracy
is maintained over the entire 0V to 28V common mode input
voltage range.
The ISL28005 is available in fixed (100V/V, 50V/V and 20V/V)
gains in the space saving 5 Ld SOT-23 package. The parts
operate over the extended temperature range from -40°C to
+125°C.
Features
• Low Power Consumption. . . . . . . . . . . . . . . . . . . . . . .50µA,Typ
• Supply Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.7V to 28V
• Wide Common Mode Input. . . . . . . . . . . . . . . . . . . . 0V to 28V
• Fixed Gain Versions
- ISL28005-100 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V/V
- ISL28005-50 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V/V
- ISL28005-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/V
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Ld SOT-23
Applications
• Power Management/Monitors
• Power Distribution and Safety
• DC/DC, AC/DC Converters
• Battery Management/Charging
• Automotive Power Distribution
Related Literature
• See AN1531 for “ISL28005 Evaluation Board User’s Guide”
• See AN1567 for “ISL28005, ISL28006 Unidirectional
Current Sense Amplifiers”
ISL28005
GND
ISL28005
ISL28005
+5VDC
+12VDC
+
-
+1.0VDC
+1.0VDC
SENSE
SENSE
SENSE
OUTPUT
+5VDC
OUTPUT
+12VDC
OUTPUT
MULTIPLE
OUTPUT
POWER SUPPLY
ISENSE
+12VDC
ISENSE
+5VDC
ISENSE
+1.0VDC
+
-
+
-
RSENSE
+5VDC
+5VDC
+5VDC
RSENSE
RSENSE
FIGURE 1. TYPICAL APPLICATION
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TIME (ms)
VTH(L-H) = 1.52V
VTH(H-L) = 1.23V
VRS+
G100, VOUT = 1V
G50, VOUT = 500mV
G20, VOUT = 200mV
VOUT (G=100)
FIGURE 2. HIGH-SIDE AND LOW-SIDE THRESHOLD VOLTAGE


Similar Part No. - ISL28005

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
857Kb / 14P
Micropower, Rail-to-Rail Input Current Sense Amplifier
July 1, 2011
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005 Datasheet
756Kb / 14P
Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
September 16, 2010
ISL28005 INTERSIL-ISL28005 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL28005 INTERSIL-ISL28005 Datasheet
762Kb / 15P
Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
More results

Similar Description - ISL28005

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
September 16, 2010
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
September 16, 2010
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
Micropower, Rail-to-Rail Input Current Sense Amplifier
July 1, 2011
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
Micropower, Rail to Rail Input Current Sense Amplifier
May 23, 2011
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
Rail-to-Rail Current Sense Amplifier
logo
Intersil Corporation
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com