Electronic Components Datasheet Search
  English  ▼

X  

IMX6SLLCEC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IMX6SLLCEC
Description  i.MX 6SLL
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SLLCEC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IMX6SLLCEC Datasheet HTML 5Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 6Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 7Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 8Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 9Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 10Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 11Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 12Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
Modules List
i.MX 6SLL Applications Processors for Consumer Products, Rev. 0.2, 11/2017
NXP Semiconductors
9
OCOTP_
CTRL
OTP
Controller
Security
The On-Chip OTP controller (OCOTP_CTRL) provides an interface for
reading, programming, and/or overriding identification and control information
stored in on-chip fuse elements. The module supports
electrically-programmable poly fuses (eFUSEs). The OCOTP_CTRL also
provides a set of volatile software-accessible signals that can be used for
software control of hardware elements, not requiring non-volatility. The
OCOTP_CTRL provides the primary user-visible mechanism for interfacing
with on-chip fuse elements. Among the uses for the fuses are unique chip
identifiers, mask revision numbers, cryptographic keys, JTAG secure mode,
boot characteristics, and various control signals, requiring permanent
non-volatility.
OCRAM
On-Chip Memory
Controller
Data Path
The On-Chip Memory controller (OCRAM) module is designed as an interface
between system’s AXI bus and internal (on-chip) SRAM memory module.
In i.MX 6SLL processor, the OCRAM is used for controlling the 128 KB
multimedia RAM through a 64-bit AXI bus.
OCRAM_L
2
On-Chip Memory
Controller for
L2 Cache
Data Path
The On-Chip Memory controller for L2 cache (OCRAM_L2) module is
designed as an interface between system’s AXI bus and internal (on-chip) L2
cache memory module during boot mode.
OSC 32
kHz
OSC 32 kHz
Clocking
Generates 32.768 kHz clock from external crystal.
PMU
Power-
Management
functions
Data Path
Integrated power management unit. Used to provide power to various SoC
domains.
PWM-1
PWM-2
PWM-3
PWM-4
Pulse Width
Modulation
Connectivity
Peripherals
The pulse-width modulator (PWM) has a 16-bit counter and is optimized to
generate sound from stored sample audio images and it can also generate
tones. It uses 16-bit resolution and a 4x16 data FIFO to generate sound.
PXP
PiXel
Processing
Pipeline
Display
Peripherals
A high-performance pixel processor capable of 1 pixel/clock performance for
combined operations, such as color-space conversion, alpha blending,
gamma-mapping, and rotation. The PXP is enhanced with features
specifically for gray scale applications. In addition, the PXP supports
traditional pixel/frame processing paths for still-image and video processing
applications, allowing it to interface with either of the integrated EPD
controllers.
RAM
128 KB
Internal RAM
Internal
Memory
Internal RAM, which is accessed through OCRAM memory controller.
RNGB
Random Number
Generator
Security
Random number generating module.
ROM
96KB
Boot ROM
Internal
Memory
Supports secure and regular Boot Modes. Includes read protection on 4K
region for content protection.
ROMCP
ROM Controller
with Patch
Data Path
ROM Controller with ROM Patch support
SDMA
Smart Direct
Memory
Access
System
Control
Peripherals
The SDMA is multi-channel flexible DMA engine. It helps in maximizing
system performance by off-loading the various cores in dynamic data routing.
Table 2. i.MX 6SLL Modules List (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com