Electronic Components Datasheet Search
  English  ▼

X  

AD8214 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8214
Description  Fast Response, High Voltage Current Shunt Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8214 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8214 Datasheet HTML 2Page - Analog Devices AD8214 Datasheet HTML 3Page - Analog Devices AD8214 Datasheet HTML 4Page - Analog Devices AD8214 Datasheet HTML 5Page - Analog Devices AD8214 Datasheet HTML 6Page - Analog Devices AD8214 Datasheet HTML 7Page - Analog Devices AD8214 Datasheet HTML 8Page - Analog Devices AD8214 Datasheet HTML 9Page - Analog Devices AD8214 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8214
Data Sheet
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
5V
65V
16
10
11
12
13
14
15
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0.2
0
INPUT COMMON-MODE VOLTAGE (V)
Figure 4. Input Bias Current vs. Input Common-Mode Voltage
(With Respect to VS)
0.97
0.99
1.01
1.03
1.05
1.07
1.09
1.11
INPUT COMMON-MODE VOLTAGE (V)
–1.40
–1.15
–0.90
–0.65
–0.40
–0.15
0.10
Figure 5. Output Current (Output High) vs. Input Common-Mode Voltage
(With Respect to VS)
–4
–2
0
2
4
TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
95
110
125
Figure 6. Input Offset Voltage vs. Temperature
0
–2.0
–1.6
–1.2
–0.8
–0.4
–0.9 –0.8 –0.7 –0.6 –0.5 –0.4 –0.3 –0.2
0.2
–0.1
0
0.1
INPUT COMMON-MODE VOLTAGE (V)
Figure 7. Input Offset Voltage vs. Input Common-Mode Voltage
(With Respect to VS)
220
240
230
250
260
280
270
SUPPLY VOLTAGE (V)
5
15
25
35
45
55
65
TA = –40°C
TA = +125°C
TA = +25°C
Figure 8. Supply Current vs. Supply Voltage
(Output Low)
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
SUPPLY VOLTAGE (V)
5
15
25
35
45
55
65
TA = +125°C
TA = +25°C
TA = –40°C
Figure 9. Supply Current vs. Supply Voltage
(Output High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com