Electronic Components Datasheet Search
  English  ▼

X  

AD8214 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8214
Description  Fast Response, High Voltage Current Shunt Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8214 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8214 Datasheet HTML 8Page - Analog Devices AD8214 Datasheet HTML 9Page - Analog Devices AD8214 Datasheet HTML 10Page - Analog Devices AD8214 Datasheet HTML 11Page - Analog Devices AD8214 Datasheet HTML 12Page - Analog Devices AD8214 Datasheet HTML 13Page - Analog Devices AD8214 Datasheet HTML 14Page - Analog Devices AD8214 Datasheet HTML 15Page - Analog Devices AD8214 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
AD8214
Rev. A | Page 13 of 16
HIGH SIDE OVERCURRENT DETECTION
The AD8214 is useful for many automotive applications using the
load configuration shown in Figure 31. Because the part powers
directly from the battery voltage, the shunt resistor must be on
the high side. The AD8214 monitors the current in the path as
long as the battery voltage is between 5 V and 65 V. If the current
reaches an undesirable level that corresponds to the user-selected
threshold, the output of the AD8214 switches states in less than
100 ns. The microcontroller, analog-to-digital converter, or FET
driver can be directly notified of this condition.
CLAMP
DIODE
BATTERY
UP TO 65V
SHUNT
SWITCH
OVERCURRENT
DETECTION (<100ns)
AD8214
VS
R1
R2
C1
–IN
1
8
+IN
2
NC 7
VREG
3
GND 6
NC
4
OUT 5
I
Figure 31. High Side Overcurrent Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com