Electronic Components Datasheet Search
  English  ▼

X  

AD8361ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8361ARMZ
Description  LF to 2.5 GHz TruPwr Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8361ARMZ Datasheet HTML 1Page - Analog Devices AD8361ARMZ Datasheet HTML 2Page - Analog Devices AD8361ARMZ Datasheet HTML 3Page - Analog Devices AD8361ARMZ Datasheet HTML 4Page - Analog Devices AD8361ARMZ Datasheet HTML 5Page - Analog Devices AD8361ARMZ Datasheet HTML 6Page - Analog Devices AD8361ARMZ Datasheet HTML 7Page - Analog Devices AD8361ARMZ Datasheet HTML 8Page - Analog Devices AD8361ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LF to 2.5 GHz
TruPwr™ Detector
Data Sheet
AD8361
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1999–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Calibrated rms response
Excellent temperature stability
Up to 30 dB input range at 2.5 GHz
700 mV rms, 10 dBm, re 50 Ω maximum input
±0.25 dB linear response up to 2.5 GHz
Single-supply operation: 2.7 V to 5.5 V
Low power: 3.3 mW at 3 V supply
Rapid power-down to less than 1 µA
APPLICATIONS
Measurement of CDMA, W-CDMA, QAM, other complex
modulation waveforms
RF transmitter or receiver power measurement
GENERAL DESCRIPTION
The AD8361 is a mean-responding power detector for use in
high frequency receiver and transmitter signal chains, up to
2.5 GHz. It is very easy to apply. It requires a single supply only
between 2.7 V and 5.5 V, a power supply decoupling capacitor,
and an input coupling capacitor in most applications. The
output is a linear-responding dc voltage with a conversion gain
of 7.5 V/V rms. An external filter capacitor can be added to
increase the averaging time constant.
Figure 1. Output in the Three Reference Modes, Supply 3 V, Frequency 1.9 GHz
(6-Lead SOT-23 Package Ground Reference Mode Only)
FUNCTIONAL BLOCK DIAGRAMS
Figure 2. 8-Lead MSOP
Figure 3. 6-Lead SOT-23
The AD8361 is intended for true power measurement of simple
and complex waveforms. The device is particularly useful for
measuring high crest-factor (high peak-to-rms ratio) signals,
such as CDMA and W-CDMA.
The AD8361 has three operating modes to accommodate a
variety of analog-to-digital converter requirements:
1. Ground reference mode, in which the origin is zero.
2. Internal reference mode, which offsets the output 350 mV
above ground.
3. Supply reference mode, which offsets the output to VS/7.5.
The AD8361 is specified for operation from −40°C to +85°C
and is available in 8-lead MSOP and 6-lead SOT-23 packages. It
is fabricated on a proprietary high fT silicon bipolar process.
RFIN (V rms)
3.0
1.6
0
0.5
0.1
0.2
0.3
0.4
2.6
2.2
2.0
1.8
2.8
2.4
1.4
1.2
1.0
0.6
0.8
0.4
0.2
0.0
SUPPLY
REFERENCE MODE
INTERNAL
REFERENCE MODE
GROUND
REFERENCE MODE
RFIN
IREF
PWDN
VPOS
FLTR
SREF
VRMS
COMM
BAND-GAP
REFERENCE
ERROR
AMP
AD8361
INTERNAL FILTER
ADD
OFFSET
TRANS-
CONDUCTANCE
CELLS
i
i
× 7.5
BUFFER
χ2
χ2
RFIN
IREF
PWDN
VPOS
FLTR
VRMS
COMM
BAND-GAP
REFERENCE
ERROR
AMP
AD8361
INTERNAL FILTER
TRANS-
CONDUCTANCE
CELLS
i
i
× 7.5
BUFFER
χ2
χ2


Similar Part No. - AD8361ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361ARMZ AD-AD8361ARMZ Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr Detector
REV. C
AD8361ARMZ-REEL AD-AD8361ARMZ-REEL Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361ARMZ-REEL AD-AD8361ARMZ-REEL Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr Detector
REV. C
AD8361ARMZ-REEL7 AD-AD8361ARMZ-REEL7 Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361ARMZ-REEL7 AD-AD8361ARMZ-REEL7 Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr Detector
REV. C
More results

Similar Description - AD8361ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361 AD-AD8361 Datasheet
306Kb / 16P
LF to 2.5 GHz TruPwr??Detector
REV.A
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
2/06-Rev 0 to Rev. A
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
50 MHz to 4 GHz TruPwr Detector
9/06-Revision 0
AD8364 AD-AD8364 Datasheet
2Mb / 48P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
4/05-Revision 0
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr??Detector
REV. C
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
AD8361ART AD-AD8361ART Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr Detector
REV. C
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com