Electronic Components Datasheet Search
  English  ▼

X  

AD8361ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8361ARMZ
Description  LF to 2.5 GHz TruPwr Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8361ARMZ Datasheet HTML 5Page - Analog Devices AD8361ARMZ Datasheet HTML 6Page - Analog Devices AD8361ARMZ Datasheet HTML 7Page - Analog Devices AD8361ARMZ Datasheet HTML 8Page - Analog Devices AD8361ARMZ Datasheet HTML 9Page - Analog Devices AD8361ARMZ Datasheet HTML 10Page - Analog Devices AD8361ARMZ Datasheet HTML 11Page - Analog Devices AD8361ARMZ Datasheet HTML 12Page - Analog Devices AD8361ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
AD8361
Rev. F | Page 9 of 22
Figure 24. Output Response to Modulated Pulse Input for Various RF Input
Levels, Supply 3 V, Modulation Frequency 900 MHz, No Filter Capacitor
Figure 25. Output Response to Modulated Pulse Input for Various RF Input
Levels, Supply 3 V, Modulation Frequency 900 MHz, 0.01 µF Filter Capacitor
Figure 26. Hardware Configuration for
Output Response to Modulated Pulse Input
Figure 27. Output Response Using Power-Down Mode for Various RF Input
Levels, Supply 3 V, Frequency 900 MHz, No Filter Capacitor
Figure 28. Output Response Using Power-Down Mode for Various RF Input
Levels, Supply 3 V, Frequency 900 MHz, 0.01 µF Filter Capacitor
Figure 29. Hardware Configuration
for Output Response Using Power-Down Mode
67mV
370mV
270mV
25mV
5
µs PER HORIZONTAL DIVISION
GATE PULSE FOR
900MHz RF TONE
RF INPUT
500mV PER
VERTICAL
DIVISION
67mV
370mV
25mV
500mV PER
VERTICAL
DIVISION
50
µs PER HORIZONTAL DIVISION
RF INPUT
GATE PULSE FOR
900MHz RF TONE
270mV
R1
75
Ω
0.1
µF
HPE3631A
POWER SUPPLY
C4
0.01
µF
C2
100pF
HP8648B
SIGNAL
GENERATOR
C1
C3
TEK TDS784C
SCOPE
C5
100pF
TEK P6204
FET PROBE
1
2
3
4
8
7
6
5
AD8361
VPOS
IREF
RFIN
PWDN
SREF
VRMS
FLTR
COMM
RF INPUT
67mV
370mV
270mV
25mV
500mV PER
VERTICAL
DIVISION
PWDN INPUT
2
µs PER HORIZONTAL DIVISION
67mV
370mV
270mV
25mV
500mV PER
VERTICAL
DIVISION
PWDN INPUT
RF INPUT
20
µs PER HORIZONTAL DIVISION
R1
75
Ω
0.1
µF
HPE3631A
POWER SUPPLY
C4
0.01
µF
C2
100pF
HP8648B
SIGNAL
GENERATOR
HP8110A
SIGNAL
GENERATOR
C1
C3
TEK TDS784C
SCOPE
C5
100pF
TEK P6204
FET PROBE
1
2
3
4
8
7
6
5
AD8361
VPOS
IREF
RFIN
PWDN
SREF
VRMS
FLTR
COMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com