Electronic Components Datasheet Search
  English  ▼

X  

AD8417 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8417
Description  Bidirectional, Zero Drift, Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8417 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8417 Datasheet HTML 8Page - Analog Devices AD8417 Datasheet HTML 9Page - Analog Devices AD8417 Datasheet HTML 10Page - Analog Devices AD8417 Datasheet HTML 11Page - Analog Devices AD8417 Datasheet HTML 12Page - Analog Devices AD8417 Datasheet HTML 13Page - Analog Devices AD8417 Datasheet HTML 14Page - Analog Devices AD8417 Datasheet HTML 15Page - Analog Devices AD8417 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
AD8417
Rev. C | Page 13 of 16
APPLICATIONS INFORMATION
MOTOR CONTROL
3-Phase Motor Control
The AD8417 is ideally suited for monitoring current in 3-phase
motor applications.
The 250 kHz typical bandwidth of the AD8417 provides
instantaneous current monitoring. Additionally, the typical
low offset drift of 0.1 µV/°C means that the measurement error
between the two motor phases is at a minimum over temperature.
The AD8417 rejects PWM input common-mode voltages in the
−2 V to +70 V (with a 5 V supply) range. Monitoring the current
on the motor phase allows sampling of the current at any point
and provides diagnostic information, such as a short to GND
and battery. Refer to Figure 33 for the typical phase current
measurement setup with the AD8417.
H-Bridge Motor Control
Another typical application for the AD8417 is to form part of
the control loop in H-bridge motor control. In this case, place
the shunt resistor in the middle of the H-bridge to accurately
measure current in both directions by using the shunt available
at the motor (see Figure 32). Using an amplifier and shunt in
this location is a better solution than a ground referenced op
amp because ground is not typically a stable reference voltage in
this type of application. The instability of the ground reference
causes inaccuracies in the measurements that can be made with
a simple ground referenced op amp. The AD8417 measures current
in both directions as the H-bridge switches and the motor changes
direction. The output of the AD8417 is configured in an external
referenced bidirectional mode (see the Bidirectional Operation
section).
AD8417
+IN
SHUNT
MOTOR
VREF1
VS
OUT
–IN
GND
5V
CONTROLLER
VREF2
NC
5V
2.5V
Figure 32. H-Bridge Motor Control
AD8417
BIDIRECTIONAL CURRENT MEASUREMENT
REJECTION OF HIGH PWM COMMON-MODE VOLTAGE (–2V TO +70V)
AMPLIFICATION
HIGH OUTPUT DRIVE
AD8214
INTERFACE
CIRCUIT
V+
IU
IV
IW
V–
OPTIONAL
DEVICE FOR
OVERCURRENT
PROTECTION AND
FAST (DIRECT)
SHUTDOWN OF
POWER STAGE
AD8417
CONTROLLER
5V
5V
M
Figure 33. 3-Phase Motor Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com