Electronic Components Datasheet Search
  English  ▼

X  

AD8417 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8417
Description  Bidirectional, Zero Drift, Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8417 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8417 Datasheet HTML 8Page - Analog Devices AD8417 Datasheet HTML 9Page - Analog Devices AD8417 Datasheet HTML 10Page - Analog Devices AD8417 Datasheet HTML 11Page - Analog Devices AD8417 Datasheet HTML 12Page - Analog Devices AD8417 Datasheet HTML 13Page - Analog Devices AD8417 Datasheet HTML 14Page - Analog Devices AD8417 Datasheet HTML 15Page - Analog Devices AD8417 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD8417
Data Sheet
Rev. C | Page 16 of 16
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8417BRMZ
−40°C to +125°C
8-Lead MSOP
RM-8
Y4Y
AD8417BRMZ-RL
−40°C to +125°C
8-Lead MSOP, 13”Tape and Reel
RM-8
Y4Y
AD8417WBRMZ
−40°C to +125°C
8-Lead MSOP
RM-8
Y4X
AD8417WBRMZ-RL
−40°C to +125°C
8-Lead MSOP, 13”Tape and Reel
RM-8
Y4X
AD8417WBRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8417WBRZ-RL
−40°C to +125°C
8-Lead SOIC_N, 13”Tape and Reel
R-8
AD8417WHRZ
−40°C to +150°C
8-Lead SOIC_N
R-8
AD8417WHRZ-RL
−40°C to +150°C
8-Lead SOIC_N, 13”Tape and Reel
R-8
AD8417WHRMZ
−40°C to +150°C
8-Lead MSOP
RM-8
Y59
AD8417WHRMZ-RL
−40°C to +150°C
8-Lead MSOP, 13”Tape and Reel
RM-8
Y59
AD8417R-EVALZ
8-Lead SOIC_N Evaluation Board
AD8417RM-EVALZ
8-Lead MSOP Evaluation Board
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8417W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
©2013–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11882-0-10/17(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com