Electronic Components Datasheet Search
  English  ▼

X  

ISL43841IRZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL43841IRZ
Description  Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL43841IRZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL43841IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ISL43841
FN6055 Rev 1.00
Page 13 of 15
Aug 23, 2004
FIGURE 12. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 13. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 14. ADDRESS TRANS TIME vs SINGLE SUPPLY
VOLTAGE
FIGURE 15. ADDRESS TRANS TIME vs DUAL SUPPLY
VOLTAGE
FIGURE 16. FREQUENCY RESPONSE
FIGURE 17. FREQUENCY RESPONSE
Typical Performance Curves TA = 25oC, Unless Otherwise Specified (Continued)
75
100
150
200
225
60
80
100
120
140
160
40
50
60
70
80
90
100
VCOM (V)
02
4
13
5
V+ = 2.7V
V+ = 5V
25oC
-40oC
85oC
ICOM = 1mA
V- = 0V
25oC
-40oC
85oC
V- = 0V
25oC
85oC
-40oC
V- = 0V
V+ = 3.3V
175
125
VCOM (V)
02
46
8
10
12
20
25
30
35
40
45
50
55
60
ICOM = 1mA
-40oC
85oC
25oC
V+ = 12V
V- = 0V
2468
10
12
35
79
11
13
V+ (V)
85oC
V- = 0V
VCOM = (V+) - 1V
-40oC
0
50
100
150
200
250
300
25oC
V
 (V)
23
4
5
6
VCOM = (V+) - 1V
50
100
150
200
250
85oC
-40oC
25oC
0
FREQUENCY (MHz)
3
0
-3
0
45
90
135
180
1
10
100
600
VIN = 0.2VP-P to 5VP-P
GAIN
PHASE
VS = 5V
RL = 50
FREQUENCY (MHz)
3
0
-3
0
45
90
135
180
1
10
100
600
VIN = 0.2VP-P to 4VP-P
GAIN
PHASE
VS = 3V
RL = 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com