Electronic Components Datasheet Search
  English  ▼

X  

ISL43841IRZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL43841IRZ
Description  Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL43841IRZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL43841IRZ Datasheet HTML 1Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 2Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 3Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL43841IRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISL43841
FN6055 Rev 1.00
Page 2 of 15
Aug 23, 2004
Pinout
ISL43841 (QFN)
TOP VIEW
COMB
NO3B
NO2B
LATCH A
LATCH B
NO2A
COMA
NO0A
NO3A
ADD1A
1
2
3
4
5
78
9
10
6
20
19
18
17
16
13
14
15
12
11
LOGIC
LOGIC
Truth Table (Note)
ISL43841
LATCH
ADD2
ADD1
SWITCH ON
0
X
X
Last Switch Selected
100
NO0
101
NO1
110
NO2
111
NO3
NOTE: Applies to either A or B switch. Logic “0”
0.8V. Logic “1”
2.4V, with V+ between 2.7V and 10V. X = Don’t Care.
Pin Descriptions
PIN
FUNCTION
V+
Positive Power Supply Input
V-
Negative Power Supply Input. Connect to GND for
Single Supply Configurations.
GND
Ground Connection
LATCH Digital Control Input. Connect to +V for Normal
Operation. Connect to GND to latch the last switch state.
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
ADD
Address Input Pin
N.C.
No Internal Connection
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
ISL43841IR
(43841IR)
-40 to 85
20 Ld QFN
L20.4x4
ISL43841IRZ
(43841IR) (See Note)
-40 to 85
20 Ld QFN
(Pb-free)
L20.4x4
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com