Electronic Components Datasheet Search
  English  ▼

X  

HT1660 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT1660
Description  96 x 32 LCD Controller for I/O MCU
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1660 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT1660 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
3V
On-chip RC oscillator
22
32
40
kHz
5V
24
32
40
kHz
fSYS2
System Clock
3V
Crystal oscillator
¾
32.768
¾
kHz
5V
¾
32.768
¾
kHz
fSYS3
System Clock
3V
External clock source
¾
32
¾
kHz
5V
¾
32
¾
kHz
fLCD1
LCD Frame Frequency
3V
On-chip RC oscillator
61/117
89/170
111/213
Hz
5V
61/117
89/170
111/213
Hz
fLCD2
LCD Frame Frequency
3V
Crystal oscillator
¾
64
¾
Hz
5V
¾
64
¾
Hz
fLCD3
LCD Frame Frequency
3V
External clock source
¾
64
¾
Hz
5V
¾
64
¾
Hz
tCOM
LCD Common Period
¾ n: Number of COM
¾
n/fLCD
¾
sec
fCLK1
4-Bit Data Clock (WR Pin)
3V
Duty cycle 50%
¾¾
150
kHz
5V
¾¾
300
kHz
fCLK2
4-Bit Data Clock (RD Pin)
3V
Duty cycle 50%
¾¾
75
kHz
5V
¾¾
150
kHz
tCS
4-Bit Interface Reset Pulse Width
(Figure 3)
¾ CS
¾
250
¾
ns
tCLK
WR,RD Input Pulse Width (Figure 1)
3V
Write mode
3.34
¾¾
ms
Read mode
6.67
5V
Write mode
1.67
¾¾
ms
Read mode
3.34
tr,tf
Rise/Fall Time Serial Data Clock
Width (Figure 1)
3V
¾¾
120
¾
ns
5V
tsu
Setup Time for DB to WR,RD Clock
Width (Figure 2)
3V
¾¾
120
¾
ns
5V
th
Hold Time for DB to WR,RD Clock
Width (Figure 2)
3V
¾¾
120
¾
ns
5V
tsu1
Setup Time for CS to WR,RD Clock
Width (Figure 3)
3V
¾¾
100
¾
ns
5V
th1
Hold Time for CS to WR,RD Clock
Width (Figure 3)
3V
¾¾
100
¾
ns
5V
HT1660
Rev. 1.00
7
September 16, 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com