Electronic Components Datasheet Search
  English  ▼

X  

HT1660 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT1660
Description  96 x 32 LCD Controller for I/O MCU
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1660 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT1660 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HT1660
Rev. 1.00
8
September 16, 2003
9 0 %
5 0 %
1 0 %
G N D
t r
W R , R D
C l o c k
t C L K
t f
t C L K
V D D
Figure 1
5 0 %
V a l i d D a t a
5 0 %
G N D
G N D
D B
W R , R D
C l o c k
t s u
t h
V D D
Figure 2
C S
G N D
5 0 %
5 0 %
F i r s t
C l o c k
L a s t
C l o c k
G N D
W R , R D
C l o c k
t s u 1
t h 1
t C S
V D D
V D D
Figure 3
Functional Description
System Oscillator
The HT1660 system clock is used to generate the time
base/Watchdog Timer (WDT) clock frequency, LCD
driving clock, and tone frequency. The clock source
may be from an on-chip RC oscillator (32kHz), a crystal
oscillator (32.768kHz), or an external 32kHz clock by
the S/W setting. The configuration of the system oscilla-
tor is as shown. After the SYS DIS command is exe-
cuted, the system clock will stop and the LCD bias
generator will turn off. That command is available only
for the on-chip RC oscillator or for the crystal oscillator.
Once the system clock stops, the LCD display will be-
come blank, and the time base/WDT loses its function
as well.
The LCD OFF command is used to turn the LCD bias
generator off. After the LCD bias generator switches off
by issuing the LCD OFF command, using the SYS DIS
command reduces power consumption, thus serving as
a system power down command. But if the external
clock source is chosen as the system clock, using the
SYS DIS command can neither turn the oscillator off nor
carry out the power down mode. The crystal oscillator
option can be applied to connect an external frequency
source of 32kHz to the OSCI pin. In this case, the sys-
tem fails to enter the power down mode, similar to the
case in the external 32kHz clock source operation. At
the initial system power on, the HT1660 is at the SYS
DIS state.
O S C I
O S C O
C r y s t a l O s c i l l a t o r
3 2 7 6 8 H z
E x t e r n a l C l o c k S o u r c e
3 2 k H z
O n - c h i p R C O s c i l l a t o r
3 2 k H z
S y s t e m
C l o c k
System Oscillator Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com