Electronic Components Datasheet Search
  English  ▼

X  

A7PS Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A7PS
Description  Dust-tight, Easy-to-Use, Push-operated Switches with Large Display Characters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7PS Datasheet(HTML) 2 Page - Omron Electronics LLC

  A7PS Datasheet HTML 1Page - Omron Electronics LLC A7PS Datasheet HTML 2Page - Omron Electronics LLC A7PS Datasheet HTML 3Page - Omron Electronics LLC A7PS Datasheet HTML 4Page - Omron Electronics LLC A7PS Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A7PS/A7PH
2
Specifications
Dimensions
(Unit: mm)
Switches
Accessories (Order Separately)
Note: Unless otherwise indicated, dimensional tolerances for dimensions in the models above are
± 0.4 mm.
Item
Model
A7PS
A7PH
Switching capacity (resistive load)
50 VAC or 3.3 to 28 VDC
1 mA to 0.1 A
125 VAC or 3.3 to 28 VDC
10
μA to 0.15 A
Continuous carry current
1 A max.
3 A max.
Contact resistance
300 m
Ω max.
Insulation
resistance
Between non-connected terminals
10 M
Ω min. (at 500 VDC)
100 M
Ω min. (at 500 VDC)
Between terminal and non-current carrying part 1,000 M
Ω min. (at 500 VDC)
Dielectric
strength
Between non-connected terminals
600 VAC, 50/60 Hz for 1 min
Between terminal and non-current carrying part 1,000 VAC, 50/60 Hz for 1 min
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude for 2 hours min.
Shock resistance
490 m/s2 min.
Durability
Mechanical
100,000 operations min.
2,000,000 operations min.
Electrical
50,000 operations min.
1,000,000 operations min.
Ambient temperature
Operating: -10
°C to 65°C
Ambient humidity
Operating: 45% to 85%
Max. operating force
6.37 N max.
10 0.1
33
A
±
22.6
3
30
33.5
7.2
3
P= 10 ± 0.2
8.6
1
B
4.5
4.6
4.3
Solder terminal
Panel thickness: 1 to 3
*If the output code is 03,06 or 54, the dimension is 43;
if the output code is 07,19 or 55, the dimension is 55.
*
31
B+1
0
0
- 0.4
A7PS-2
@@(-1)
A7PH-2
@@(-1)
Solder Terminal
Note: 1. The dimensions above include both End
Caps, and will increase 10 mm for each
Spacer inserted.
2. Unless otherwise specified, a tolerance
of
±0.4 mm applies to all dimensions.
The tolerance for multiple connection is
±(number of units x 0.4) mm.
Number of
Switches (n)
Size A
(n x 10 + 12)
Size B
(n x 10 + 9)
122
19
232
29
342
39
452
49
562
59
672
69
782
79
892
89
9
102
99
10
112
109
Panel Cutout
30
33.5
(39)
33
46
3
(4.3)
4.5
30
33.5
(39)
33
4
6
3
(4.3)
4.5
4.5
4
4.4
End Caps for Push-operated Switches
A7P-M(-1) Snap-in Panel Mounting
Left Side
Right Side
4.5
10 ± 0.05
32.7
(36.5)
30 ± 0.1
Spacers for Push-operated Switches
A7P-P
@(-1) Snap-in Panel Mounting
The
@ in the Spacer model number stands for a letter in the range A to U. (Refer to the table under the explanation about Spacers on page 1.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com