Electronic Components Datasheet Search
  English  ▼

X  

A7PS Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A7PS
Description  Dust-tight, Easy-to-Use, Push-operated Switches with Large Display Characters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7PS Datasheet(HTML) 3 Page - Omron Electronics LLC

  A7PS Datasheet HTML 1Page - Omron Electronics LLC A7PS Datasheet HTML 2Page - Omron Electronics LLC A7PS Datasheet HTML 3Page - Omron Electronics LLC A7PS Datasheet HTML 4Page - Omron Electronics LLC A7PS Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
A7PS/A7PH
Output Codes/Terminals
• Switches with output codes 06 or 07 both
use binary coded decimal but Switches
with output code 07 have a component-
adding provision. Similarly, Switches
with output codes 54 or 55 both use
binary coded hexadecimal but Switches
with output code 55 have a component-
adding provision.
• How to Read Output Codes
For example, when the dial position is
“3,” the common terminal C on the
Switch is connected to terminals 1 and 2.
When the Switch is inserted into the
Connector, the common terminal C
becomes connector terminal 3, and
terminals 1 and 2 become connector
terminals 5 and 7 respectively.
6
9
3
1
10
11
2
30.2 ± 0.1
20.5
13.5
9
P= 2.54
25.4 ± 0.2
32
3 ± 0.15
34
42 ± 0.15
48
7.8
0
- 0.1
Two, 3.3 dia.
Connectors
(These devices allow Switches to be quickly removed for maintenance and inspection of connectivity, and quickly re-installed.)
NRT-C Solder Terminals
5
3
1
6
7
8
9
10
11
4
2
30
7.8
32
34
20.5
13.5
9
P= 2.54
25.4 ± 0.2
3±0.15
+0
- 0.3
+ 0.3
0
1
×2
elliptic
hole
NRT-CN Solder Terminals
5
3
1
6
7
8
9
10
11
4
2
30.2 ± 0.1
25.4 ± 0.2
7.8
32
34
17.5
0.6 0.6
13.5
9
P= 2.54
25.4 ± 0.2
3 ± 0.15
0
- 0.1
×
NRT-CP PCB Terminals
Note: Unless otherwise indicated, dimensional tolerances for dimensions in the models above are
± 0.4 mm.
Inserting Connectors
Insert Connectors with the “UP” arrow pointing up.
Connector
Output code
number
Terminals
Output codes
03
19
06
07
30
P= 2.54
2.5
3
9
8
7
6
5
4
4
C
4
3
2
1
0
Twenty
-two,
1.1-dia.
holes
Note: The solid dot
● indicates that the internal switch is ON
(i.e., connected to the common terminal).
Model
Switch Unit
or Connector
Common ter-
minal number
Terminals connected to common
Switch
Unit
C
0123456789
03,19
Connec-
tor
6
12345789
10
11
Dial
0
●
1
●
2
●
3
●
4
●
5
●
6
●
7
●
8
●
9
●
30
12.7
12.7
P= 2.54
2.5
8.5
3
4.5
9
8
7
6
5
C
C
4
4
C
4
3
2
1
0
Forty-four, 1-dia. holes
Component-adding provision
30
P= 5.08
2.5
3
8
4
2
2
2
1
1
1
C
Ten,
1.1-dia.
holes
Model
Switch Unit
or Connector
Common ter-
minal number
Terminals con-
nected to common
Switch
Unit
C
1248
06
Connec-
tor
3
579
11
07
Connec-
tor
1
Dial
0
1
●
2
●
3
●●
4
●
5
●●
6
●●
7
●●●
8
●
9
●●
Note: The solid dot
●
indicates that
the internal
switch is ON
(i.e., connected
to the common
terminal).
30
P= 5.08
2.5
8.5
3
4.5
8
4
2
2
2
4
4
1
C
Twenty
-three,
1.1-dia.
holes
Component-adding provision



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com