Electronic Components Datasheet Search
  English  ▼

X  

AP1152 Datasheet(PDF) 21 Page - Asahi Kasei Microsystems

Part # AP1152
Description  300mA Output,High PSRR,Low Noise LDO Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1152 Datasheet(HTML) 21 Page - Asahi Kasei Microsystems

Back Button AP1152 Datasheet HTML 17Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 18Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 19Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 20Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 21Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 22Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 23Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 24Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 25Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
[AP1152]
014011330-E-02
- 21 -
2017/03
11.5 On/Off Control
It is recommended to turn the regulator off when the circuit following the regulator is non-operating. A
design with little electric power loss can be implemented. We recommend the use of the on/off control of
the regulator without using a high side switch to provide an output from the regulator. A highly accurate
output voltage with low voltage drop is obtained. Because the control current is small, it is possible to
control it directly by CMOS logic. The pull-
down resister (500kΩ) is built-in.
Table 4. Control terminal voltage and operating state
Control terminal voltage (VCONT)
Status
VCONT > 1.8V
ON
VCONT < 0.35V
OFF
The Figure 4 is multiple regulators being controlled by a single On/Off control signal. There is fear of
overheating, because the power loss of the low voltage side IC (AP1152ADU20) is large. The series
resistor (R) is put in the input line of the low output voltage regulator in order to prevent over-dissipation.
The voltage dropped across the resistor reduces the large input-to-output voltage across the regulator,
reducing the power dissipation in the device. When the thermal sensor works, a decrease of the output
voltage, oscillation, etc.
may be observed.
R
VIN
On/Off cont.
AP1152ADU50
5.0V
AP1152ADU33
3.3V
AP1152ADU20
2.0V
Figure 4. Parallel-Connected On/Off Control
11.6 Noise Pass Terminal
The noise and the ripple rejection characteristics depend on the capacitance on the Np terminal. The
ripple rejection characteristic of the low frequency region improves by increasing the capacitance of
CNP. A standard value is CNP
=0.1μF. Increase CNP in a design with important output noise and ripple
rejection requirements. The IC will not be damaged if the capacitor value is increased. The On/Off
switching speed changes depending on the NP terminal capacitance. The switching speed slows when
the capacitance is large.
11.7 Notes on output terminal (VOUT) to GND short-circuit evaluation
The resonance phenomenon due to stick to the output terminal CL (C component) and the short-circuit
line (L component), the output terminal will become a negative potential. Output terminal parasitic
transistor operates in the IC enters the minus side, leads to the worst case burning for packages that
latch-up phenomenon occurs in the IC (white smoke) or damage.
The resonance phenomenon appears remarkably In the ESR value is small ceramic capacitors and the
like of the capacitor. As a measure of this phenomenon, we can to reduce the resonance phenomenon to
be short-circuited by connecting the short-circuit line and
the series in more than 2Ω resistance. This
allows you to prevent latch-up phenomenon in the IC.
In large tantalum and electrolytic capacitor of ESR, it generally influence of there resonance
phenomenon ESR value is greater than or equal to 2Ω is reduced. Also, if a constraint or the like on your
set can not be performed the measures as described above, please insert a schottky diode between



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com