Electronic Components Datasheet Search
  English  ▼

X  

AP1152 Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AP1152
Description  300mA Output,High PSRR,Low Noise LDO Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1152 Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AP1152 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 15Page - Asahi Kasei Microsystems AP1152 Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
[AP1152]
014011330-E-02
- 12 -
2017/03
11.
Description
11.1 DC Characteristics
 Line Regulation
 Load Regulation
 V
IN vs. VOUT
Regulation Point
 Dropout Voltage
 Output Short-Circuit Current
 Reverse Bias Current
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
0
5
10
15
20
VIN(V)
Vo1.5V
Vo2.0V
Vo3.0V
Vo4.0V
Vo5.0V
0
50
100
150
200
250
300
IOUT(mA)
Vo=3V
-80
-70
-60
-50
-40
-30
-10
0
10
-20
Vo=2.0V
Vo=5.0V
-300
-200
-100
0.0
100
IOUT=300mA
IOUT=0m
IOUT=0mA,50mA,100mA,150mA,200mA,250mA,300mA
-100
0
100
200
300
400
-500
-450
-400
-350
-300
-250
-200
-150
-100
-50
0
0
100
200
300
400
500
IOUT(mA)
△VIN(mV)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
100
200
300
400
500
IOUT(mA)
0
10
20
30
40
50
60
0
1
2
3
4
5
6
7
8
9
10
VREV(V)
VOUT=5V
VOUT=2V
VOUT=4V
VOUT=3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com