Electronic Components Datasheet Search
  English  ▼

X  

IL1084 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IL1084
Description  IC OF ADJUSTABLE VOLTAGE REGULATOR OF POSITIVE POLARITY WITH LOW RESIDUAL VOLTAGE AND LOAD CURRENT 5A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL1084 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IL1084 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL1084 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL1084 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL1084 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IL1084
Korzhenevskogo 12, Minsk, 220064, Republic of Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
Table 3
− Typical values of electrical characteristics
Characteristic,
Measurement unit
Symbol
.
Measurement
mode
Typical
value
Adjustment current, mkA
IAdj
TJ = 25
OC
55
Temperature ratio of output voltage
instability, %
TS
TJ = 0
÷125 OC
0,5
Noise voltage on output, (% )
Un rms
TJ = 25
OC
10 Ãö
≤ f ≤10 êÃö
0,003
Table 4
− Table of maximum and absolute maximum ratings
Maximum ratings
Absolute maxi-
mum ratings
Parameter
Measure-
ment
unit
min
max
min
max
Input-output voltage difference, UIN - UO
V
2,77
30
0
31
Chip temperature, ÒJ
OC
0
125
-65
150
Storage temperature, Òstg
OC
-65
150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com