Electronic Components Datasheet Search
  English  ▼

X  

IL1084 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL1084
Description  IC OF ADJUSTABLE VOLTAGE REGULATOR OF POSITIVE POLARITY WITH LOW RESIDUAL VOLTAGE AND LOAD CURRENT 5A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL1084 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL1084 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL1084 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL1084 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL1084 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IL1084
Korzhenevskogo 12, Minsk, 220064, Republic of Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
IC OF ADJUSTABLE VOLTAGE REGULATOR OF POSITIVE POLARITY WITH
LOW RESIDUAL VOLTAGE AND LOAD CURRENT
5A.
IC IL1084 is a powerful adjustable voltage
regulator of positive polarity with low residual volt-
age and load current 5,5A.
IC of powerful adjustable voltage regulator with
low residual voltage lower than 1,5A and reference
voltage 1,25 V is purposed for producing constant
temperature-stabilized voltage of positive polarity
by means of the value set by external resistive di-
vider and used in electronic equipment as a source
of stabilized supply.
Properties:
• Reference voltage 1,25V
• Output current up to 5,5 A
• Input-output voltage difference, U
IN - UO up to 30 V
• Residual voltage lower than 1,5 V
• Overload protection
• Embedded temperature protection
• Operation range of chip temperature from 0 up to +125°Ñ.
Table 1 – Description of regulator IC pins in 3-pin package ÒÎ-220
Pin No.
Description
Name
01
Adjustment
Adjust
02
Output
Output
03
Input
Input
Output 1. Adjustment
2. Output
3. Input
TO-220
3
2
1


Similar Part No. - IL1084

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
IL1084-1.5BT2 ESTEK-IL1084-1.5BT2 Datasheet
204Kb / 2P
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
logo
IK Semicon Co., Ltd
IL1084-1.8 IKSEMICON-IL1084-1.8 Datasheet
459Kb / 15P
5A LOW DROPOUT POSITIVE REGULATOR
logo
Estek Electronics Co. L...
IL1084-1.8BT2 ESTEK-IL1084-1.8BT2 Datasheet
204Kb / 2P
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
IL1084-2.5BT2 ESTEK-IL1084-2.5BT2 Datasheet
204Kb / 2P
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
IL1084-2.85BT2 ESTEK-IL1084-2.85BT2 Datasheet
204Kb / 2P
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
More results

Similar Description - IL1084

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
logo
Linear Technology
LT138A LINER-LT138A Datasheet
185Kb / 12P
5A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
IL1083 ETC-IL1083 Datasheet
46Kb / 4P
IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 7,5
logo
Integral Corp.
IL1085 INTEGRAL-IL1085 Datasheet
180Kb / 4P
IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 3 ?
ILE4270G INTEGRAL-ILE4270G Datasheet
192Kb / 6P
IC OF 5 V/550MA POWER VOLTAGE REGULATOR WITH LOW RESIDUAL VOLTAGE (ANALOG OF TLE4270G BY SIEMENS)
logo
Linear Technology
LT138A LINER-LT138A_01 Datasheet
148Kb / 12P
5A Positive Adjustable Voltage Regulator
LM138 LINER-LM138_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
LM338 LINER-LM338_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
LT138A LINER-LT138A_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
LT338A LINER-LT338A_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com