Electronic Components Datasheet Search
  English  ▼

X  

OV7604C7 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # OV7604C7
Description  Low Power 32.768kHz SM Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

OV7604C7 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  OV7604C7 Datasheet HTML 1Page - Golledge Electronics Ltd OV7604C7 Datasheet HTML 2Page - Golledge Electronics Ltd OV7604C7 Datasheet HTML 3Page - Golledge Electronics Ltd OV7604C7 Datasheet HTML 4Page - Golledge Electronics Ltd OV7604C7 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OV7604C7 1/5
v1.1
OV7604C7
OV7604C7
Low Power 32.768kHz SM Oscillator
Low Power 32.768kHz SM Oscillator
Ultra low power consumption
Fully Ceramic 32.768kHz oscillator
Tight frequency tolerance
Industrial and extended temperature ranges
High shock and vibration resistance
Option Code
CONFIGURABLE OPTIONS
Parameter
Calibration tolerance
±20ppm max
B
Operating temperature range
Any
-40 to +85°C
-40 to +125°C
E
Qualification
Any
Commercial
AEC-Q200 (Automotive)
A


Similar Part No. - OV7604C7

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
CMOS Oscillator Low Power
OV7604C7/B GOLLEDGE-OV7604C7/B Datasheet
124Kb / 1P
CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7_16 Datasheet
124Kb / 1P
CMOS Oscillator Low Power
More results

Similar Description - OV7604C7

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OT7602C1 GOLLEDGE-OT7602C1 Datasheet
67Kb / 1P
SM CMOS Oscillator Low Power
logo
EUROQUARTZ limited
XO64 EUROQUARTZ-XO64 Datasheet
248Kb / 1P
32.768kHz Low Power Clock Oscillator
logo
Abracon Corporation
ASH7KW ABRACON-ASH7KW Datasheet
3Mb / 3P
32.768kHz LOW POWER SMD CRYTAL OSCILLATOR
02.10.13
ABS13 ABRACON-ABS13_15 Datasheet
1Mb / 2P
32.768kHz SM D LOW PROFILE CRYSTAL
12.18.12
ASTMK ABRACON-ASTMK Datasheet
3Mb / 7P
Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.17.2017
ASTMTXK ABRACON-ASTMTXK Datasheet
3Mb / 6P
Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.30.15
logo
Golledge Electronics Lt...
OM7604C7 GOLLEDGE-OM7604C7 Datasheet
577Kb / 5P
Low Power 32.768kHz SM Oscillator
GFO-3301 GOLLEDGE-GFO-3301_18 Datasheet
597Kb / 5P
1.5~5.5V 32.768kHz Low Power Oscillator
OM7605C8 GOLLEDGE-OM7605C8 Datasheet
578Kb / 5P
Low Power 32.768kHz SM Oscillator
OV7605C8 GOLLEDGE-OV7605C8 Datasheet
571Kb / 5P
Low Power Fully Ceramic 32.768kHz SM Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com