Electronic Components Datasheet Search
  English  ▼

X  

OV7604C7 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # OV7604C7
Description  Low Power 32.768kHz SM Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

OV7604C7 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  OV7604C7 Datasheet HTML 1Page - Golledge Electronics Ltd OV7604C7 Datasheet HTML 2Page - Golledge Electronics Ltd OV7604C7 Datasheet HTML 3Page - Golledge Electronics Ltd OV7604C7 Datasheet HTML 4Page - Golledge Electronics Ltd OV7604C7 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OV7604C7 2/5
v1.1
Frequency
32.768kHz
Dimensions
3.2 x 1.5 x 1.0mm
Turnover temperature
(T )
+25°C ±5°C
Frequency / temp
coefficient
-0.035ppm/°C ±10%
Storage temperature
range
-55 to +125°C
Supply voltage (V )
Operable from 1.2 ~ 5.5V
Supply current (backup
mode)
0.3μA typ, 0.5μA max
(V 3.0V, output disabled)
Logic levels
‘0’ level = +0.4V max
‘1’ level = V -0.4V min
Waveform symmetry 40:60 max @ 50%V
Driving ability
10pF CMOS
Voltage coefficient
±1.5ppm/V max
Rise / fall time
70ns typ, 100ns max
Start up time
500ms max @ 25°C
Enable / disable
function
Control via pad 3
Ageing
±3ppm max first year @ 25°C
Shock resistance
±5ppm, 5,000g, 0.3ms ½-sine
Vibration resistance
±5ppm, 20g rms 10.0 ~ 2,000Hz
Soldering condition:
Reflow, 260°C, 20 sec max
To request a quotation for the OV7604C7 please use the
configurable options form to choose the options you require
and then submit your configured product to our team. Our
expert advisers are always happy to help with your
requirements and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
Input (pad 3)
Output (pad 1)
'1' level
Enabled
'0' level
Disabled
Note: Pad 3 should not be allowed to float
SPECIFICATIONS
0
2
DD
DD
DD
DD
PACKAGE DRAWING
ORDERING INFORMATION
ENABLE / DISABLE FUNCTION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com