Electronic Components Datasheet Search
  English  ▼

X  

AD8319 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8319
Description  1 MHz to 10 GHz, 45 dB Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8319 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8319 Datasheet HTML 11Page - Analog Devices AD8319 Datasheet HTML 12Page - Analog Devices AD8319 Datasheet HTML 13Page - Analog Devices AD8319 Datasheet HTML 14Page - Analog Devices AD8319 Datasheet HTML 15Page - Analog Devices AD8319 Datasheet HTML 16Page - Analog Devices AD8319 Datasheet HTML 17Page - Analog Devices AD8319 Datasheet HTML 18Page - Analog Devices AD8319 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AD8319
Data Sheet
Rev. D | Page 16 of 19
OPERATION BEYOND 8 GHz
The AD8319 is specified for operation up to 8 GHz, but it provides
useful measurement accuracy over a reduced dynamic range of
up to 10 GHz. Figure 35 shows the performance of the AD8319
over temperature at 10 GHz when the device is configured as
shown in Figure 22. Dynamic range is reduced at this frequency,
but the AD8319 does provide 30 dB of measurement range within
±3 dB of linearity error.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–40
–35
–30
–25
–20
–15
–10
–5
0
5
PIN (dBm)
–5
–4
–3
–2
–1
0
1
2
3
4
5
Figure 35. VOUT and Log Conformance Error vs. Input Amplitude at 10 GHz,
Multiple Devices, RTADJ = Open, CLPF = 1000 pF
Implementing an impedance match for frequencies beyond
8 GHz can improve the sensitivity of the AD8319 and
measurement range.
Operation beyond 10 GHz is possible, but part-to-part
variation, most notably in the intercept, becomes significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com