Electronic Components Datasheet Search
  English  ▼

X  

AD8319 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8319
Description  1 MHz to 10 GHz, 45 dB Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8319 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8319 Datasheet HTML 11Page - Analog Devices AD8319 Datasheet HTML 12Page - Analog Devices AD8319 Datasheet HTML 13Page - Analog Devices AD8319 Datasheet HTML 14Page - Analog Devices AD8319 Datasheet HTML 15Page - Analog Devices AD8319 Datasheet HTML 16Page - Analog Devices AD8319 Datasheet HTML 17Page - Analog Devices AD8319 Datasheet HTML 18Page - Analog Devices AD8319 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
AD8319
Rev. D | Page 17 of 19
EVALUATION BOARD
AD8319
1
2
3
4
8
7
6
5
R1
52.3Ω
R7
OPEN
R2
0Ω
C1
C2
C4
C5
47nF
47nF
0.1µF
100pF
VPOS
INHI
INLO
VPOS
TADJ
VOUT
COMM
CLPF
VSET
TADJ
R5
200Ω
R4
OPEN
VOUT_ALT
R3
OPEN
CL
OPEN
RL
OPEN
R6
1kΩ
GND
RFIN
VSET
VOUT
C3
8.2pF
Figure 36. Evaluation Board Schematic (Rev. A)
Table 5. Evaluation Board (Rev. A) Configuration Options
Component
Function
Default Conditions
VPOS, GND
Supply and Ground Connections.
Not applicable
R1, C1, C2
Input Interface.
The 52.3 Ω resistor in Position R1 combines with the internal input impedance of the AD8319 to
give a broadband input impedance of approximately 50 Ω. Capacitor C1 and Capacitor C2 are dc
blocking capacitors. A reactive impedance match can be implemented by replacing R1 with an
inductor and C1 and C2 with appropriately valued capacitors.
R1 = 52.3 Ω (Size 0402)
C1 = 47 nF (Size 0402)
C2 = 47 nF (Size 0402)
R5, R7
Temperature Compensation Interface.
The internal temperature compensation network is optimized for input signals up to 3.6 GHz when
R7 is 10 kΩ. This circuit can be adjusted to optimize performance for other input frequencies
by changing the value of the resistor in Position R7. See Table 4 for specific RTADJ resistor values.
R5 = 200 Ω (Size 0402)
R7 = open (Size 0402)
R2, R3, R4,
R6, RL, CL
Output Interface—Measurement Mode.
In measurement mode, a portion of the output voltage is fed back to the VSET pin via R2. The
magnitude of the slope of the VOUT output voltage response can be increased by reducing the
portion of VOUT that is fed back to VSET. R6 can be used as a back-terminating resistor or as part
of a single-pole, low-pass filter.
R2 = 0 Ω (Size 0402)
R3 = open (Size 0402)
R4 = open (Size 0402)
R6 = 1 kΩ (Size 0402)
RL = CL = open (Size 0402)
R2, R3
Output Interface—Controller Mode.
In this mode, R2 must be open. In controller mode, the AD8319 can control the gain of an
external component. A setpoint voltage is applied to the VSET pin, the value of which corresponds
to the desired RF input signal level applied to the AD8319 RF input. A sample of the RF output
signal from this variable-gain component is selected, typically via a directional coupler, and
applied to AD8319 RF input. The voltage at the VOUT pin is applied to the gain control of the
variable gain element. A control voltage is applied to the VSET pin. The magnitude of the
control voltage can optionally be attenuated via the voltage divider comprising R2 and R3, or a
capacitor can be installed in Position R3 to form a low-pass filter along with R2.
R2 = open (Size 0402)
R3 = open (Size 0402)
C4, C5
Power Supply Decoupling.
The nominal supply decoupling consists of a 100 pF filter capacitor placed physically close to
the AD8319 and a 0.1 µF capacitor placed physically close to the power supply input pin.
C4 = 0.1 µF (Size 0603)
C5 = 100 pF (Size 0402)
C3
Filter Capacitor.
The low-pass corner frequency of the circuit that drives the VOUT pin can be lowered by placing a
capacitor between CLPF and ground. Increasing this capacitor increases the overall rise/fall
time of the AD8319 for pulsed input signals. See the Output Filtering section for more details.
C3 = 8.2 pF (Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com