Electronic Components Datasheet Search
  English  ▼

X  

6030133 Datasheet(PDF) 2 Page - SICK AG

Part # 6030133
Description  CAPACITIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6030133 Datasheet(HTML) 2 Page - SICK AG

  6030133 Datasheet HTML 1Page - SICK AG 6030133 Datasheet HTML 2Page - SICK AG 6030133 Datasheet HTML 3Page - SICK AG 6030133 Datasheet HTML 4Page - SICK AG 6030133 Datasheet HTML 5Page - SICK AG 6030133 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CQ28-10NNP-KW1 | CQ
CAPACITIVE PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
CQ28-10NNP-KW1
6030133
Other models and accessories
www.sick.com/CQ
Detailed technical data
Features
Housing
Rectangular
Dimensions (W x H x D)
28 mm x 46 mm x 5.5 mm
Sensing range Sn
1 mm ... 10 mm
Safe sensing range Sa
7.2 mm
Installation type
Non-flush
Switching frequency
Approx. 10 Hz
Connection type
Cable, 4-wire, 2 m 1)
Switching output
NPN
Output function
NC or NO
Electrical wiring
DC 4-wire
Adjustment
Single teach-in button (Sensitivity)
Cable (Sensitivity)
Enclosure rating
IP68 2)
1) Do not bend below 0 °C.
2) According to EN 60529.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Ripple
≤ 10 %
Voltage drop
≤ 2.5 V DC 1)
Current consumption
≤ 12 mA 2)
Time delay before availability
≤ 300 ms
1) At Ia max.
2) Without load.
3) Of Sr.
4) Ub and Ta constant.
5) In EMC critical applications, conducted interference levels may lie within the frequency range of the oscillator. This can cause changes to the output signal. (See op-
erating instructions.).
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-07-07 22:32:25
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com