Electronic Components Datasheet Search
  English  ▼

X  

6030133 Datasheet(PDF) 3 Page - SICK AG

Part # 6030133
Description  CAPACITIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6030133 Datasheet(HTML) 3 Page - SICK AG

  6030133 Datasheet HTML 1Page - SICK AG 6030133 Datasheet HTML 2Page - SICK AG 6030133 Datasheet HTML 3Page - SICK AG 6030133 Datasheet HTML 4Page - SICK AG 6030133 Datasheet HTML 5Page - SICK AG 6030133 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CQ28-10NNP-KW1 | CQ
CAPACITIVE PROXIMITY SENSORS
Reproducibility
≤ 5 % 3) 4)
Temperature drift (of Sr)
± 10 %
EMC
According to EN 60947-5-2 5)
Continuous current Ia
≤ 200 mA
Cable material
PVC
Conductor size
0.14 mm²
Short-circuit protection
✔
Reverse polarity protection
✔
Shock and vibration resistance
30 g, 11 ms / 10 ... 55 Hz, 1 mm
Ambient operating temperature
–20 °C ... +85 °C
Ambient storage temperature
–40 °C ... +85 °C
Housing material
Plastic, PBT
Sensing face material
Plastic
UL File No.
NRKH.E191603
1) At Ia max.
2) Without load.
3) Of Sr.
4) Ub and Ta constant.
5) In EMC critical applications, conducted interference levels may lie within the frequency range of the oscillator. This can cause changes to the output signal. (See op-
erating instructions.).
Reduction factors
Note
The values are reference values which may vary
Metal
1
Water
1
PVC
Approx. 0.4
Oil
Approx. 0.25
Glass
0.6
Ceramics
0.5
Alcohol
0.7
Wood
0.2 ... 0.7
Installation note
Remark
Associated graphic see "Installation"
A
27.6 mm
B
27.6 mm
Classifications
ECl@ss 5.0
27270102
ECl@ss 5.1.4
27270102
ECl@ss 6.0
27270102
ECl@ss 6.2
27270102
ECl@ss 7.0
27270102
ECl@ss 8.0
27270102
ECl@ss 8.1
27270102
2018-07-07 22:32:25 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com