Electronic Components Datasheet Search
  English  ▼

X  

ISL59832 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL59832
Description  Dual Channel, Single Supply Video Reconstruction Filter with Charge Pump
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL59832 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL59832 Datasheet HTML 7Page - Renesas Technology Corp ISL59832 Datasheet HTML 8Page - Renesas Technology Corp ISL59832 Datasheet HTML 9Page - Renesas Technology Corp ISL59832 Datasheet HTML 10Page - Renesas Technology Corp ISL59832 Datasheet HTML 11Page - Renesas Technology Corp ISL59832 Datasheet HTML 12Page - Renesas Technology Corp ISL59832 Datasheet HTML 13Page - Renesas Technology Corp ISL59832 Datasheet HTML 14Page - Renesas Technology Corp ISL59832 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ISL59832
FN6267 Rev 1.00
Page 13 of 15
June 11, 2008
SYNC DETECTOR AND CLAMP TIMING
Channel 1 and Channel 3 also have sync detectors whose
outputs are available at SYNC_OUT.
The slice level for the sync detector is between 100 to 200mV.
This means that if the signal level is below 100mV at Channel
1, then SYNC_OUT is high. If the signal level is above 200mV
then SYNC_OUT is low. Figure 28 shows the operation of the
sync detector.
DC-Coupled Inputs (Channel 1)
When DC-coupling the inputs ensure that the lowest signal
level is greater than +50mV to prevent the clamp from turning
on and distorting the output. When DC-coupled the ISL59832
shifts the signal by -620mV.
Amplifier Disable
The ISL59832 can be disabled and its outputs placed in high
impedance states. The turn-off time is around 10ns and the
turn-on time is around 35µs. The turn-on time is longer
because extra time is needed for the charge pump to settle
before the amplifiers are enabled. When disabled, the device
supply current is reduced to 2µA typically, reducing power
consumption. The device’s power-down can be controlled by
standard TTL or CMOS signal levels at the ENABLE pin. The
applied logic signal is relative to the GND pin. Applying a signal
that is less than 0.8V above GND will disable the device. The
device will be enabled when the ENABLE signal is 2V above
GND.
Output Drive Capability
The maximum output current for the ISL59832 is ±50mA.
Maximum reliability is maintained if the output current never
exceeds ±50mA, after which the electro-migration limit of the
process will be exceeded and the part will be damaged. This limit
is set by the design of the internal metal interconnections.
Driving Capacitive Loads and Cables
The ISL59832, internally-compensated to drive 75
 cables,
will drive 10pF loads in parallel with 150
 or 75with less than
1.3dB of peaking.
Power Dissipation
With the high output drive capability of the ISL59832, it is
possible to exceed the +150°C absolute maximum junction
temperature under certain load current conditions. Therefore, it
is important to calculate the maximum junction temperature for
an application to determine if load conditions or package types
need to be modified to assure operation of the amplifier in a
safe operating area.
The maximum power dissipation allowed in a package is
determined according to Equation 1:
Where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
JA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC is
the total quiescent supply current times the total power supply
voltage, plus the power in the IC due to the load, or:
for sourcing:
for sinking:
Where:
VS = Supply voltage
ISMAX = Maximum quiescent supply current
VOUT = Maximum output voltage of the application
RLOAD = Load resistance tied to ground
ILOAD = Load current
i = Number of output channels
+300mV
+0mV
NTSC LUMINANCE
CHANNEL 1 INPUT
+1.00V
100mV < VSLICE < 200mV
+0mV
+3.3V
SYNC_OUT
FIGURE 28. SYNC DETECTOR SLICE LEVEL
PDMAX
TJMAX TAMAX
–
JA
---------------------------------------------
=
(EQ. 1)
PDMAX
VS ISMAX VS VOUTi
–

+
VOUTi
RLi
-----------------
=
(EQ. 2)
PDMAX
VS ISMAX VOUTiVS
–

+
ILOADi
=
(EQ. 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com