Electronic Components Datasheet Search
  English  ▼

X  

ISL59832 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL59832
Description  Dual Channel, Single Supply Video Reconstruction Filter with Charge Pump
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL59832 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL59832 Datasheet HTML 1Page - Renesas Technology Corp ISL59832 Datasheet HTML 2Page - Renesas Technology Corp ISL59832 Datasheet HTML 3Page - Renesas Technology Corp ISL59832 Datasheet HTML 4Page - Renesas Technology Corp ISL59832 Datasheet HTML 5Page - Renesas Technology Corp ISL59832 Datasheet HTML 6Page - Renesas Technology Corp ISL59832 Datasheet HTML 7Page - Renesas Technology Corp ISL59832 Datasheet HTML 8Page - Renesas Technology Corp ISL59832 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISL59832
FN6267 Rev 1.00
Page 2 of 15
June 11, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4V
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VS + 0.3V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . ±50mA
Maximum Current into Any Pin . . . . . . . . . . . . . . . . . . . . . . . ±50mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .3500V
Machine Model (Per EIAJ ED-4701 Method C-111). . . . . . . .350V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
or Thermal Resistance (Typical, Note 1)
JA (°C/W)
16 Lead TQFN Package . . . . . . . . . . . . . . . . . . . . .
46
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
2. Parameters with MIN and/or MAX limits are 100% tested at +27°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications
VS = VCP = 3.3V, CF = 0.1µF, CS = 0.22µF, CFIL = 0.4µF, CIN1 = CIN2 = 0.1µF, RL1 = RL2 = 150,
Typical TA = +27°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
DC CHARACTERISTICS
VS, VCP
Supply Range
guaranteed by PSRR
3.0
3.3
3.6
V
VEEOUT
Charge Pump Output
-1.75
-1.5
-1.25
V
IS
Supply Current
No load
14
16
mA
ICP
Charge Pump Supply Current
No load
17
20
mA
IPD
Power-Down Current
ENABLE = 0.4V
0.3
2.5
µA
IIN
Input Pull-down Current
Channel 1, VIN = 0.5V
0.4
4
10
µA
IB
Input Bias Current
Channel 2, VIN = 0.5V,
SYNC_IN = 0V
-10
-3
10
µA
AV
DC Gain
1.94
2
2.05
V/V
VIN_MAX
Max DC Input Range
DC-Coupled Input, guaranteed by DC
gain test
1.4
V
VCLAMPOUT1
Output Sync Tip Clamp Level
(Channel 1)
VIN  0, AC-coupled input
-650
-590
-525
mV
VCLAMPOUT2
Keyed Clamp Level
(Channel 2)
Output level when SYNC_IN = 2.0V
-60
-25
0
mV
VCLAMPIN
Input Clamp Level
Input floating
0
30
70
mV
VCLAMPIN2
Input Keyed Clamp Level
(Channel 2)
Input floating, input level when SYNC_IN
2.0V
275
300
375
mV
VOS
Output Level Shift
(Channel 1)
VIN0, output shifted relative to input,
DC-coupled input
-685
-620
-550
mV
Output Level Shift
(Channel 2)
VIN0, output shifted relative to input,
DC-coupled input
-380
-330
-280
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com