Electronic Components Datasheet Search
  English  ▼

X  

AD5748 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5748
Description  Industrial Current/Voltage Output Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5748 Datasheet HTML 15Page - Analog Devices AD5748 Datasheet HTML 16Page - Analog Devices AD5748 Datasheet HTML 17Page - Analog Devices AD5748 Datasheet HTML 18Page - Analog Devices AD5748 Datasheet HTML 19Page - Analog Devices AD5748 Datasheet HTML 20Page - Analog Devices AD5748 Datasheet HTML 21Page - Analog Devices AD5748 Datasheet HTML 22Page - Analog Devices AD5748 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD5748
Rev. B | Page 19 of 32
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
105
25
–40
TEMPERATURE (°C)
AVDD COMPLIANCE
Figure 42. Output Compliance vs. Temperature
Tested When IOUT = 10.8 mA
12
10
8
6
4
2
0
–2
0.000010
–0.000010
–0.000008
–0.000006
–0.000004
–0.000002
0
0.000002
0.000004
0.000006
0.000008
10
VDD
IOUT
–10
–8
–6
–4
–2
0
2
4
6
8
TIME (ms)
Figure 43. Output Current vs. Time on Power-Up
0
–18
–16
–14
–12
–10
–8
–6
–4
–2
8
–2
–1
0
1
2
3
4
5
6
7
TIME (µs)
Figure 44. Output Current vs. Time on Output Enable
0.025
0.020
0.015
0.010
0.005
0
68
61
54
48
41
34
28
21
14
8
1
–12
–6
TIME (µs)
Figure 45. 4 mA to 20 mA Output Current Step
3000
2500
2000
1500
1000
500
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LOGIC LEVEL (V)
DVCC = 5V
DVCC = 3V
Figure 46. DICC vs. Logic Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com