Electronic Components Datasheet Search
  English  ▼

X  

AD5751 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5751
Description  Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5751 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5751 Datasheet HTML 9Page - Analog Devices AD5751 Datasheet HTML 10Page - Analog Devices AD5751 Datasheet HTML 11Page - Analog Devices AD5751 Datasheet HTML 12Page - Analog Devices AD5751 Datasheet HTML 13Page - Analog Devices AD5751 Datasheet HTML 14Page - Analog Devices AD5751 Datasheet HTML 15Page - Analog Devices AD5751 Datasheet HTML 16Page - Analog Devices AD5751 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
AD5751
Rev. D | Page 13 of 32
3.0
3.5
4.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–40
25
105
TEMPERATURE (°C)
0V TO 5V RANGE
0V TO 10V RANGE
0V TO 40V RANGE
Figure 11. Offset Error vs. Temperature
0.008
0.010
0.006
0.004
0.002
0
–0.002
–0.004
–0.006
–0.008
–0.010
24
48
55
SUPPLY VOLTAGE (V)
5V LINEARITY, NO LOAD
10V LINEARITY, NO LOAD
40V LINEARITY, NO LOAD
Figure 12. INL Error vs. Supply Voltage
0.010
0.008
0.006
0.004
0.002
0
–0.002
–0.010
–0.004
–0.006
–0.008
24
48
55
SUPPLY VOLTAGE (V)
0V TO 5V POSITIVE TUE
0V TO 10V POSITIVE TUE
0V TO 40V POSITIVE TUE
0V TO 5V NEGATIVE TUE
0V TO 10V NEGATIVE TUE
0V TO 40V NEGATIVE TUE
Figure 13. Total Unadjusted Error vs. Supply Voltage
1.00
0.95
0.90
0.85
0.80
0.75
0.70
–40
25
105
TEMPERATURE (°C)
VDD HEADROOM, LOAD OFF
Figure 14. AVDD Headroom, 0 V to 10 V Range, Output Set to 10 V, Load Off
0.007
0.006
0.005
0.004
0.003
0.002
0.001
–0.001
–0.002
0
–15 –13 –11 –9 –7 –5 –3 –1
1
3
5
7
9
11 13 15
SOURCE/SINK CURRENT (mA)
5V RANGE
Figure 15. Source and Sink Capability of Output Amplifier
12
10
8
6
4
2
0
27
22
17
12
7
2
–3
–8
TIME (µs)
Figure 16. Full-Scale Positive Step, 10 V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com